Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL6562 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL6562
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL6562 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL6562 Datasheet HTML 8Page - Diodes Incorporated AL6562 Datasheet HTML 9Page - Diodes Incorporated AL6562 Datasheet HTML 10Page - Diodes Incorporated AL6562 Datasheet HTML 11Page - Diodes Incorporated AL6562 Datasheet HTML 12Page - Diodes Incorporated AL6562 Datasheet HTML 13Page - Diodes Incorporated AL6562 Datasheet HTML 14Page - Diodes Incorporated AL6562 Datasheet HTML 15Page - Diodes Incorporated AL6562 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
13 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Application Information (Cont.)
PFC Pre-Regulator
Another major application of AL6562 is to implement a wide-range mains input PFC pre-regulator, which acts as the input stage for the
cascaded DC-DC converter and can deliver above 350W in general.
There are two methods, in general, to design a pre-regulator stage:
1.
With fixed frequency
or
2.
With fixed ON time
The AL6562 can easily be implemented with fixed ON time due to its simplicity, while the fixed frequency technique is more complicated.
In fixed ON time mode, AL6562 is also working in transition mode where the inductor current will be turned on when zero crossing is detected.
By using boost-switching technique, the AL6562 shapes the input current by drawing a quasi-sinusoidal current in-phase with the line voltage.
A simplified circuit, shown in Figure 5, explains the operation as follows:
Figure 5 ZCD Pin Synchronization without Auxiliary Winding
The AC mains voltage is rectified by a diode bridge and delivered to the boost converter which boosts the rectified input voltage to a higher
regulated DC bus VO.
The error amplifier compares a portion of the output voltage with an internal reference and generates a signal error proportional to the
difference between them. The bandwidth of the internal error amplifier is set to be narrow within 20Hz; the output would be a DC value over a
given half-cycle. Output of E/A fed into multiplier, multiplied by a portion of the rectified mains voltage, will generate a scaled rectified sinusoid
whose peak amplitude depends on the rectified mains peak voltage as well as the value of error signal.
The output of the multiplier is fed into the non-inverting pin of the internal PWM comparator. As the output from the multiplier, a sinusoidal
reference for PWM, equals the voltage on the current sense pin CS(4), the MOSFET will be turned off. As a consequence, the peak inductor
current will follow the envelope of a rectified sinusoid. After the MOSFET is turned off, the boost inductor discharges its stored energy to the
load until zero current is detected and then the MOSFET will be turned on again.
In the case where there is no auxiliary winding on the boost inductor, a solution can be implemented by sconnecting the ZCD pin to the drain
of the power MOSFET through an R-C network: in this way the high-frequency edges experienced by the drain will be transferred to the ZCD
pin, hence arming and triggering the ZCD comparator.
The resistance value must be properly chosen to limit the current sourced/sunk by the ZCD pin. In typical applications with output voltages
around 400V, recommended values for these components are 22pF (or 33pF) for CZCD and 330K for RZCD. With these values proper
operation is ensured even with a few volts difference between the regulated output voltage and the peak input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com