Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8820 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated AL8820 Datasheet HTML 10Page - Diodes Incorporated AL8820 Datasheet HTML 11Page - Diodes Incorporated AL8820 Datasheet HTML 12Page - Diodes Incorporated AL8820 Datasheet HTML 13Page - Diodes Incorporated AL8820 Datasheet HTML 14Page - Diodes Incorporated AL8820 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
11 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
Application Information (Cont.)
Inductance Value of L3 @ VIN = 22Vac, VOUT = 10V, IOUT = 650mA
Operation Frequency of SW2
33µH
756kHz
47µH
568kHz
68µH
397kHz
100µH
257kHz
Table 2
VIN OVP Protection
The AL8820 has two kinds of Over-voltage (OVP) protection both of which turn off the power switch SW1. When the voltage at the FB pin exceeds
threshold approximately 1.66V, the power switch of step-up stage is turned off. The power switch of boost section can be turned on again once the
voltage at the FB pin drops below 1.46V.
The AL8820 additionally has an internal over voltage protection to protect the AL8820 from excessive input voltage. When the voltage applied at
VIN pin exceeds 39V, it will turn off the power switch SW1. The power switch will turn on once the voltage at VIN drops below 34V.
VCC Regulator
The VCC pin requires a capacitor for stable operation and to store the charge for the large GATE switching currents. Choose a 10V rated low ESR,
X7R or X5R, ceramic capacitor for best performance. A 4.7µF capacitor will be adequate for many applications. Place the capacitor close to the IC
to minimize the trace length between the VCC pin and the exposed pad.
An internal current limit on the VCC output protects against excessive on-chip power dissipation. The VCC pin has set the output to 5V (typ.) to
protect the internal FETs from excessive power dissipation caused by not being fully enhanced. If the VCC pin is used to drive extra circuits beside
the AL8820, the extra loads should be limited to less than 8mA.
Output Capacitor C1 and C2 of Boost
The capacitor C1 is used to hold the bus voltage when the electronic transformer has no output. For most applications, it is recommended to use
an aluminum electrolytic capacitor with greater than 220µF capacitance.
The output capacitor C2 is selected to handle the output ripple noise requirements. For the best performance, it is recommended to use X7R or
better grade ceramic capacitor greater than 1µF capacitance.
Compensation Capacitor C4
In applications powered by electronic transformer, the input voltage can change roughly in one cycle of AC power frequency. A 1µF ceramic
capacitor C4 connected from COMP pin to ground help to stabilize the control loop of the Boost regulator.
Output Capacitor C5 of Buck
Higher LED current ripple will shorten the LED life time and increase heat accumulation of LED. To reduce the LED current ripple, an output
capacitor in parallel with the LED should be added. Lower ripple can be achieved with higher capacitor values. For most applications, a value of
4.7µF is recommended.
Diode Selection
For maximum efficiency and performance, the rectifiers (D5, D6) should be fast low capacitance Schottky diodes with low reverse leakage at
maximum operating voltage and temperature. With its low power dissipation, the Schottky diode outperforms other silicon diodes and increases
overall efficiency.
Over Temperature Protection
A over temperature protection feature is to protect the AL8820 from excessive internal temperature. When the junction temperature exceeds
+160ºC, the internal FETs will be turned off. When junction temperature drops below +120ºC, IC will turn on both FETs and return to normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com