Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL9901 Datasheet HTML 7Page - Diodes Incorporated AL9901 Datasheet HTML 8Page - Diodes Incorporated AL9901 Datasheet HTML 9Page - Diodes Incorporated AL9901 Datasheet HTML 10Page - Diodes Incorporated AL9901 Datasheet HTML 11Page - Diodes Incorporated AL9901 Datasheet HTML 12Page - Diodes Incorporated AL9901 Datasheet HTML 13Page - Diodes Incorporated AL9901 Datasheet HTML 14Page - Diodes Incorporated AL9901 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
11 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Applications Information
The AL9901 is capable of operating in isolated or non-isolated topologies. It can also be made to operate in continuous as well as discontinuous
conduction mode.
Figure 1 Functional Block Diagram
The AL9901 contains a high voltage LDO (see figure 1) the output of the LDO provides a power rail to the internal circuitry including the gate
driver. A UVLO on the output of the LDO prevents incorrect operation at low input voltage to the VIN pin.
In a non-isolated Buck LED driver, when the gate pin goes high, the internal power MOSFET (Q1) is turned on causing current to flow through the
LEDs inductor (L1), and current sense resistor (RSENSE). When the voltage across RSENSE exceeds the current sense pin threshold, the internal
MOSFET Q1 is turned off. The energy stored in the inductor causes the current to continue to flow through the LEDs via diode D1.
The AL9901’s LDO provides all power to the rest of the IC including Gate drive, and this removes the need for large, high-power start-up resistors.
This means that during normal operation the AL9901 requires around 0.5mA from the high voltage power rail. The LDO can also be used to
supply up to 1mA to external circuits.
The AL9901 operates and regulates by limiting the peak current of the internal MOSFET; the peak current sense threshold is nominally set at
250mV. The AL9901 is capable of operating in a fixed frequency (PWM) mode and also variable frequency (fixed off-time) mode to regulate the
LED current.
The same basic operation is true for isolated topologies; however in these the energy stored in the transformer delivers energy to LEDs during the
off-cycle of the internal MOSFET.
The on-resistance of the AL9901’s internal power MOSFET means that it can drive up to 2A.
Design Parameters
Setting the LED Current
In the non-isolated buck converter topology, figure 1, the average LED current is not the peak current divided by two - however, there is a certain
error due to the difference between the peak and the average current in the inductor. The following equation accounts for this error:
)
*
5
.
0
(
250mV
R
SENSE
RIPPLE
LED
I
I
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com