Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9901 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL9901 Datasheet HTML 9Page - Diodes Incorporated AL9901 Datasheet HTML 10Page - Diodes Incorporated AL9901 Datasheet HTML 11Page - Diodes Incorporated AL9901 Datasheet HTML 12Page - Diodes Incorporated AL9901 Datasheet HTML 13Page - Diodes Incorporated AL9901 Datasheet HTML 14Page - Diodes Incorporated AL9901 Datasheet HTML 15Page - Diodes Incorporated AL9901 Datasheet HTML 16Page - Diodes Incorporated AL9901 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
13 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Applications Information (cont.)
Output Open Circuit Protection
The non-isolated buck LED driver topology provides inherent protection against an open circuit condition in the LED string due to the LEDs being
connected in series with the inductor. Should the LED string become open circuit then no switching occurs and the circuit can be permanently left
in this state with damage to the rest of the circuit.
AC/DC Off-Line LED Driver
The AL9901 is a cost-effective off-line buck LED driver-converter specifically designed for driving LED strings. It is suitable for being used with
either a rectified AC line or any DC voltage between 15-500V. See figure 3 for typical circuit.
Figure 2 Typical Application Circuit (without PFC)
Buck Design Equations:
=
D
IN
LEDs
V
V
osc
ON
f
D
t
=
≥
L
LED
ON
LEDs
IN
I
3
.
0
t
)
V
V
(
×
×
−
=
SENSE
R
))
3
.
0
I
(
5
.
0
(
I
25
.
0
LED
LED
×
×
+
Where ILED x 0.3 = IRIPPLE
Design Example
For an AC line voltage of 120V the nominal rectified input voltage is VIN = 120V x 1.41 = 169V. From this and the LED chain voltage, the duty
cycle can be determined:
D = VLEDs /VIN = 30/169 = 0.177
From the switching frequency, for example fOSC = 50 kHz, the required on-time of the internal MOSFET can be calculated:
tON = D/fOSC = 3.5 µs
The value of the inductor is determined as follows:
L = (VIN - VLEDs) x tON / (0.3 x ILED) = 4.6mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com