Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9902 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL9902
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL9902 Datasheet HTML 7Page - Diodes Incorporated AL9902 Datasheet HTML 8Page - Diodes Incorporated AL9902 Datasheet HTML 9Page - Diodes Incorporated AL9902 Datasheet HTML 10Page - Diodes Incorporated AL9902 Datasheet HTML 11Page - Diodes Incorporated AL9902 Datasheet HTML 12Page - Diodes Incorporated AL9902 Datasheet HTML 13Page - Diodes Incorporated AL9902 Datasheet HTML 14Page - Diodes Incorporated AL9902 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
11 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Applications Information (continued)
Input Bulk Capacitor
For offline lamps, an input bulk capacitor is required to ensure that the rectified AC voltage is held above twice the LED string voltage throughout
the AC line cycle. The value can be calculated from:
IN
C
max
_
DC
L
min
_
Line
ch
in
V
f
2
V
2
)
D
1
(
P
Where
ch
D
: Capacity charge work period, generally about 0.2~0.25
L
f : Input frequency for full range (85~265VRMS)
max
_
DC
V
Should be set 10~15% of
min
_
Line
V
2
If the capacitor has a 15% voltage ripple then a simplified formula for the minimum value of the bulk input capacitor approximates to:
CMIN =
2
IN
LEDs
LED
V
0.06
V
I
Power Factor Correction
If power factor improvement is required then for the input power less than 25W, a simple method for improving the power factor can be
implemented by potential dividing down the rectified mains voltage (resistors R1 and R2 in Figure 2) and feeding it into the LD pin. The current
drawn from the supply voltage will follow an approximate half sine wave. A filter across the LEDs reduces the potential for flicker. This circuit also
significantly reduces the size of input capacitors.
HD06
1
2
4
Z1
602V
C4
Rsense
Rosc
D4
GND
AL9902
PWM
VDD
LD
CS
Rosc
SO
SW
VIN
L2
R2
R1
C1
C2
C3
L1
AC+
AC-
LED+
LED-
Figure 2 Typical Application Circuit with Simple PFC
Passive power factor correction using 3 high voltage diodes and 2 identical capacitors can be implemented. For further design information please
see AN75 from the Diodes website.
DC-DC Buck LED Driver
The design procedure for an AC input buck LED driver outlined in the previous chapters equally applies to DC input LED drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com