Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9902 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL9902
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL9902 Datasheet HTML 1Page - Diodes Incorporated AL9902 Datasheet HTML 2Page - Diodes Incorporated AL9902 Datasheet HTML 3Page - Diodes Incorporated AL9902 Datasheet HTML 4Page - Diodes Incorporated AL9902 Datasheet HTML 5Page - Diodes Incorporated AL9902 Datasheet HTML 6Page - Diodes Incorporated AL9902 Datasheet HTML 7Page - Diodes Incorporated AL9902 Datasheet HTML 8Page - Diodes Incorporated AL9902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
4 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Specifications apply to AL9902 unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ishdn
Shut-Down Mode Supply Current
Pin PWM to GND,
VIN = 20V
-
0.5
1
mA
VDD
Internally Regulated Voltage
VIN = VIN(MIN)~ 500V, (Note 8) lDD(ext) = 0,
Gate pin open
7.2
7.5
8.1
V
IDD(ext)
VDD Current Available for External Circuitry VIN = 20 to 100V (Note 7)
-
-
1.0
mA
UVLO
VDD Under Voltage Lockout Threshold
VDD rising
6.4
6.7
7.2
V
∆UVLO
VDD Under Voltage Lockout Hysteresis
VDD falling
-
500
-
mV
RPWM
PWM Pull-Down Resistance
VPWM= 5V
150
200
250
kΩ
VT
MOSFET Threshold Voltage
ISW = 0.5A
-
4
-
V
VFD
MOSFET Diodes Forward Voltage
ID = 0.5A
-
0.85
-
V
VCS(hi)
Current Sense Threshold Voltage
TA = -40°C to +125°C
237.5
250
262.5
mV
fOSC
Oscillator Frequency
ROSC = 1MΩ
20
25
30
kHz
ROSC = 226kΩ
80
100
120
DMAXhf
Maximum Oscillator PWM Duty Cycle
fPWMhf = 25kHz, at GATE, CS to GND.
-
-
100
%
VLD
Linear Dimming Pin Voltage Range
TA = <125°C, VIN = 20V
0
-
250
mV
TSD
Thermal Shut-Down (Junction)
Use DFN
JA when I
SW=0.4A, VDS=1V
-
141
-
°C
TSDH
Thermal Shut-Down Hysteresis
-
-
25
-
JA
Thermal Resistance Junction-to-Ambient
U-DFN6040-12 (Note 8)
-
65
-
C/W
JC
Thermal Resistance Junction-to-Case
-
5
-
C/W
JA
Thermal Resistance Junction-to-Ambient
SO-16
-
100
-
C/W
JC
Thermal Resistance Junction-to-Case
-
15
-
C/W
Notes:
7. Also limited by package power dissipation limit, whichever is lower.
8. Device mounted on FR-4 PCB (25mm x 25mm 1oz copper, minimum recommended pad layout on top. For better thermal performance, larger
copper pad for heat-sink is needed.
Internal MOSFET Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
650
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 650V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±30V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
3
—
5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
—
4
5
Ω
VGS = 10V, ID = 1A
Diode Forward Voltage
VSD
—
0.7
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
479
—
pF
VDS = 25V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
29
—
pF
Reverse Transfer Capacitance
Crss
—
1.9
—
pF
Gate Resistance
Rg
—
2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
14
—
nC
VDS = 520V, VGS = 10V,
ID = 2A
Gate-Source Charge
Qgs
—
2.5
—
nC
Gate-Drain Charge
Qgd
—
7.3
—
nC
Turn-On Delay Time
tD(on)
—
17
—
ns
VDS = 325V, VGS = 10V,
RG = 25Ω, ID = 2.5A
Turn-On Rise Time
tr
—
33
—
ns
Turn-Off Delay Time
tD(off)
—
31
—
ns
Turn-Off Fall Time
tf
—
25
—
ns
Body Diode Reverse Recovery Time
trr
—
174
—
ns
VDS = 100V, IF = 2A,
di/dt = 100A/
μs
Body Diode Reverse Recovery Charge
Qrr
—
884
—
nC
Notes:
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com