Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP3783
Document number: DS37429 Rev. 6 - 2
5 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3783
Electrical Characteristics (Cont.) (@VCC = 15V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
OPERATING FREQUENCY SECTION
fS(MAX)
The Maximum Operating Frequency
IO(MAX) (Note 5)
–
–
60
kHz
tOFF(MAX)
Maximum Off Time
691
768
845
μs
tSAMPLE_H
Sample Time
57% to 100% IO(MAX)
5.2
5.8
6.4
μs
tSAMPLE_M
34% to 57% IO(MAX)
(Note 6)
4.3
4.8
5.3
μs
tSAMPLE_L
5.5% to 34% IO(MAX)
(Note 6)
2.7
3
3.3
μs
tSAMPLE_D
0% to 5.5% IO(MAX)
(Note 6)
1.5
1.7
1.9
μs
FREQUENCY JITTER SECTION
ΔV
CS/VCS
VCS Modulation
5.5% load to 100% IO(MAX)
4.5
5
5.5
%
fMOD
VCS Modulation Frequency
5.5% load to 100% IO(MAX)
3.6
4
4.4
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold Voltage
57% to 100% IO(MAX)
828
900
972
mV
VCS_M
As Above
34% to 57% IO(MAX)(Note 6)
690
750
810
mV
VCS_L
As Above
5.5% to 34% IO(MAX)
(Note 6)
414
450
486
mV
VCS_D
As Above
0% to 5.5% IO(MAX)
(Note 6)
230
250
270
mV
RLINE
Built-in Line Compensation Resistor
(Note 7)
245
260
275
Ω
tLEB
Leading Edge Blanking
VCS (Note 6)
495
550
605
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Voltage
Closed loop test of VOUT
3.95
4.01
4.07
V
RFB
FB Pin Input Resistance
VFB=4V
560
700
840
kΩ
VCABLE
/VOUT%
Cable Compensation Ratio
AP3783A
6
7
8
%
AP3783B
3
4
5
%
AP3783C
9
10
11
%
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction Duty
VFB = 3.5V
0.47
0.5
0.53
–
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-on
From the end of tONS
14.4
16
17.6
μs
DYNAMIC SECTION
VUV_H
Under Voltage of FB Pin for VCS_H
–
3.61
3.68
3.75
V
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB Pin
–
7.1
7.5
7.9
V
VCC(OVP)
Over Voltage Protection at VCC Pin
–
28
30
32
V
tONP(MAX)
Maximum Turn-on Time
–
13.5
16
18.5
μs
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
2.45
2.6
2.75
V
tSCP
Maximum Time under VFB(SCP)
–
115
128
141
ms
TOTP
Shutdown Temperature
–
+144
+160
+176
°C
THYS
Temperature Hysteresis
–
+36
+40
+44
°C
Notes:
5. The output constant-current design value, generally set to 110% to 120% of full load.
6. Guaranteed by Design.
7. Line compensation voltage on CS reference:
AUX
LINE
1
FB
LINE
REF
_
CS
V
R
R
R
438
.
0
V
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com