Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP3783
Document number: DS37429 Rev. 6 - 2
1 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3783
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Description
The AP3783 is a high performance AC/DC power supply controller for
battery charger and adapter applications. The controller regulates the
output voltage and current in the primary side by piece-wise Pulse
Frequency Modulation (p-PFM) in discontinuous conduction mode
(DCM).
The AP3783 provides accurate constant voltage (CV), constant
current (CC) and outstanding dynamic performance without requiring
an opto-coupler. It also eliminates the need of loop compensation
circuitry while maintaining stability.
The AP3783 provides valley turn-on function, operating frequency
Jitter function (about 5.5% frequency change every
256μs) from light
to full load range and 3-segment drive current to improve the power
supply EMI performance. The AP3783 also has built-in fixed cable
voltage drop compensation (10%, 7% and 4% of nominal system
output voltage to meet various cables with different length and gauge)
and adjustable line voltage compensation.
The AP3783 is packaged in SOT26.
Applications
Adapters/Chargers
LED Lighting
Standby and Auxiliary Power Supplies
Pin Assignments
(Top View)
CS
GND
VCC
CPC
FB
DRI
1
2
3
4
5
Pin 1 Mark
6
SOT26
Features
Less than 75mW Standby Power Consumption
Meet Efficiency Requirement of COC Trier2
Valley Turn-on to Reduce Switching Loss and Improve EMI
Piece-wise
Frequency
Reduction
to
Enhance
Conversion
Efficiency and Suppress Audio Noise
Over Voltage Protection (OVP)
Over Temperature Protection (OTP)
Short Circuit Protection (SCP) with Hiccup
3-Segment Drive Current for Radiative EMI Suppression
Operating
Frequency
Jitter
Function
for
Conductive
EMI
Suppression
Drive
MOSFET
for
5W
to
30W
Battery
Charger/Adapter
Applications
SOT26 SMD Package Comply with Level 3 of IPC/JEDEC J-STD-
033A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2.
See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "
Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3783

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783AK6TR-G1 DIODES-AP3783AK6TR-G1 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783BK6TR-G1 DIODES-AP3783BK6TR-G1 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783CK6TR-G1 DIODES-AP3783CK6TR-G1 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 5
More results

Similar Description - AP3783

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
logo
Diodes Incorporated
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 5
AP3785T DIODES-AP3785T Datasheet
659Kb / 18P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 4
AP3983R DIODES-AP3983R Datasheet
696Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 3
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com