Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2863 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2863
Description  2A LED DRIVER with INTERNAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2863 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2863 Datasheet HTML 1Page - Diodes Incorporated PAM2863 Datasheet HTML 2Page - Diodes Incorporated PAM2863 Datasheet HTML 3Page - Diodes Incorporated PAM2863 Datasheet HTML 4Page - Diodes Incorporated PAM2863 Datasheet HTML 5Page - Diodes Incorporated PAM2863 Datasheet HTML 6Page - Diodes Incorporated PAM2863 Datasheet HTML 7Page - Diodes Incorporated PAM2863 Datasheet HTML 8Page - Diodes Incorporated PAM2863 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM2863
Document number: DSxxxxx Rev. 1 - 0
4 of 11
www.diodes.com
October 2012
© Diodes Incorporated
PAM2863
A Product Line of
Diodes Incorporated
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
SOP-8(EP)
θJA
90
°C/W
Thermal Resistance (Junction to Case)
SOP-8(EP)
θJC
11
Electrical Characteristics (@TA = +25°C, VIN = 16V, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Inout Voltage
VIN
4.5
40
V
Output Current
ILED
RS = 0.1Ω
1
A
RS = 0.05Ω
2
A
Shutdown Current
ISD
VSET Pin Grounded
20
40
µA
Quiescent Current without Switching
IQ
VSET Pin Floating, VIN = 16V
0.6
mA
Mean Current Sense Threshold Voltage
VSENSE
Measured on ISENSE Pin with
Respect to VIN
95
100
105
mV
Sense Threshold Hysteresis
VSENSE_HYS
±13
%
ISENSE Pin Input Current
ISENSE
VSENSE = VIN -0.1
8
µA
VSET Range on VSET Pin
VEN
For DC Dimming
0.3
2.5
V
DC Voltage on VSET Pin to Enable
VEN(ON)
VEN Rising
0.25
V
DC Voltage on VSET Pin to Disable
VEN(OFF)
VEN Falling
0.2
V
LX Switch on Resistance
RLX
@ILX = 100mA
0.3
Ω
LX Switch Leakage Current
ILX(LEAK)
5
µA
Soft-Start Time
TSS
VIN = 16V, CEN = 1nF
1.5
Ms
Operating Frequency
FLX
VIN = 16V, VO = 9.6V (3 LEDs),
L = 47µH, ΔI = 0.25A (ILED = 1A)
233
kHz
Recommended Minimum Switch ON Time
TON_REC
For 4% Accuracy
500
Ns
Recommended Maximum Switch Frequency
FLX(MAX)
1.0
MHz
Max Duty Circle
98
%
Recommended Duty Cycle Range
DLX
25
75
%
Internal Comparator Propagation Delay
TPD (Note 1)
45
Ns
Over Temperature Protection
TOTP
150
°C
Temp Protection Hysteresis
TOTP_HYS
40
°C
Current Limit
IXL(MAX)
Peak Inductor Current
2.5
A
Note:
1. VSENSE: LevelA: 95mV to 100mV; level B: 100mV to 105mV
Parameters are not tested at production, but guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com