Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2863 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2863
Description  2A LED DRIVER with INTERNAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2863 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2863 Datasheet HTML 1Page - Diodes Incorporated PAM2863 Datasheet HTML 2Page - Diodes Incorporated PAM2863 Datasheet HTML 3Page - Diodes Incorporated PAM2863 Datasheet HTML 4Page - Diodes Incorporated PAM2863 Datasheet HTML 5Page - Diodes Incorporated PAM2863 Datasheet HTML 6Page - Diodes Incorporated PAM2863 Datasheet HTML 7Page - Diodes Incorporated PAM2863 Datasheet HTML 8Page - Diodes Incorporated PAM2863 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM2863
Document number: DSxxxxx Rev. 1 - 0
1 of 11
www.diodes.com
October 2012
© Diodes Incorporated
PAM2863
A Product Line of
Diodes Incorporated
2A LED DRIVER with INTERNAL SWITCH
Description
The PAM2863 is a continuous mode inductive step-down converter,
designed for driving single or multiple series connected LEDs
efficiently from a voltage source higher than the LED voltage. The
device operates from an input supply between 4.5V and 40V and
provides an externally adjustable output current of up to 2A.
Depending upon supply voltage and external components, this can
provide up to 30 watts of output power.
The PAM2863 includes the output switch and a high-side output
current sensing circuit, which uses an external resistor to set the
nominal average output current.
Output current can be adjusted below the set value, by applying an
external control signal to the VSET pin.
The VSET pin will accept either a DC voltage or a PWM waveform.
The soft-start time can be increased using an external capacitor from
the VSET pin to ground. Applying a voltage of 0.2V or lower to the
VSET pin turns the output off and switches the device into a low
current standby state.
Features
•
Simple Low Parts Count
•
Internal 40V NDMOS Switch
•
2A Output Current
•
Single Pin On/Off and Brightness Control Using DC Voltage or
PWM
•
Soft-Start
•
High Efficiency (up to 97%)
•
Wide Input Voltage Range: 4.5V to 40V
•
Output Shutdown
•
Open LED Protection
•
Short LED Protection
•
Up to 1MHz Switching Frequency
•
Typical 5% Output Current Accuracy
•
Pb-Free SOP-8(EP) Packages
Pin Assignments
Applications
•
High End LED Flashlight
•
LED Light Bar


Similar Part No. - PAM2863

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
PAM2861ABR DIODES-PAM2861ABR Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
PAM2861CBR DIODES-PAM2861CBR Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
More results

Similar Description - PAM2863

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Feeling Technology Corp...
FP7151 FEELING-FP7151 Datasheet
384Kb / 13P
700mA LED Driver with Internal Switch
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com