Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM99700AC Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM99700AC
Description  UNIVERSAL HIGH BRIGHTNESS LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM99700AC Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM99700AC Datasheet HTML 4Page - Diodes Incorporated PAM99700AC Datasheet HTML 5Page - Diodes Incorporated PAM99700AC Datasheet HTML 6Page - Diodes Incorporated PAM99700AC Datasheet HTML 7Page - Diodes Incorporated PAM99700AC Datasheet HTML 8Page - Diodes Incorporated PAM99700AC Datasheet HTML 9Page - Diodes Incorporated PAM99700AC Datasheet HTML 10Page - Diodes Incorporated PAM99700AC Datasheet HTML 11Page - Diodes Incorporated PAM99700AC Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM99700
Document number: DSxxxxx Rev. 1 - 1
8 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM99700
A Product Line of
Diodes Incorporated
Application Information (cont.)
Current Sense
The current sense input of the PAM99700 goes to the non-inverting inputs of two comparators. The inverting terminal of one comparator is tied
to an internal 250mV reference whereas the inverting terminal of the other comparator is connected to the LD pin. The outputs of both these
comparators are fed into an OR gate and the output of the OR gate is fed into the reset pin of the flip-flop. Thus, the comparator which has the
lowest voltage at the inverting terminal determines when the GATE output is turned off.
The outputs of the comparators also include a 150-280ns blanking time which prevents spurious turn-offs of the external FET due to the turn-on
spike normally present in peak current mode control. In rare cases, this internal blanking might not be enough to filter out the turn-on spike. In
these cases, an external RC filter needs to be added between the external sense resistor (RCS) and the CS pin.
Please note that the comparators are fast (with a typical 80ns response time). Hence these comparators are more susceptible to be triggered by
noise than the comparators of the PAM99700. A proper layout minimizing external inductances will prevent false triggering of these comparators.
Oscillator
The oscillator in thePAM99700 is controlled by a single resistor connected at the RT pin. The equation governing the oscillator frequency is given
by:
)
kHz
(
5
.
5
)
k
(
RT
21380
F
+
Ω
=
If the resistor is connected between RT and GND, PAM99700 operates in a constant frequency mode and the above equation determines the
time-period. If the resistor is connected between RT and GATE, the PAM99700 operates in a constant off-time mode and the below equation
determines the off-time.
1
.
21
1
.
44
)
k
(
RT
TOFF
+
Ω
=
(µS)
GATE Output
The gate output of the PAM99700 is used to drive and external FET. It is recommended that the gate charge of the external FET be less than
25nC for switching frequencies 100kHz and less than 15nC for switching frequencies >100kHz.
Linear Dimming
The Linear Dimming pin is used to control the LED current. There are two cases when it may be necessary to use the Linear Dimming pin. In
some cases, it may not be possible to find the exact RCS value required to obtain the LED current when the internal 250mV is used. In these
cases, an external voltage divider from the VDD pin can be connected to the LD pin to obtain a voltage (less than 250mV) corresponding to the
desired voltage across RCS.
Linear dimming may be desired to adjust the current level to reduce the intensity of the LEDs. In these cases, an external 0-250mV voltage can
be connected to the LD pin to adjust the LED current during operation.
To use the internal 250mV, the LD pin can be connected to VDD.
Note: Although the LD pin can be pulled to GND, the output current will not go to zero. This is due to the presence of a minimum on-time (which
is equal to the sum of the blanking time and the delay to output time) which is about 450ns. This will cause the FET to be on for a minimum of
450ns and thus the LED current when LD = GND will not be zero. This current is also dependent on the input voltage, inductance value, forward
voltage of the LEDs and circuit parasitics. To get zero LED current, the PWMD pin has to be used.
PWM Dimming
PWM Dimming can be achieved by driving the PWMD pin with a low frequency square wave signal. When the PWM signal is zero, the gate
driver is turned off and when the PWMD signal if high, the gate driver is enabled. Since the PWMD signal does not turn off the other parts of the
IC, the response of the PAM99700 to the PWMD signal is almost instantaneous. The rate of rise and fall of the LED current is thus determined
solely by the rise and fall times of the inductor current.To disable PWM dimming and enable the PAM99700 permanently, connect the PWMD pin
to VDD.
Thermal Protection
When the die temperature exceeds +160°C, a reset occurs and the reset remains until the temperature decrease to +110°C, at which time the
circuit can be restarted.When the die temperature exceeds +160°C, a reset occurs and the reset remains until the temperature decrease to
+110°C, at which time the circuit can be restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com