Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM99700AC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM99700AC
Description  UNIVERSAL HIGH BRIGHTNESS LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM99700AC Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM99700AC Datasheet HTML 1Page - Diodes Incorporated PAM99700AC Datasheet HTML 2Page - Diodes Incorporated PAM99700AC Datasheet HTML 3Page - Diodes Incorporated PAM99700AC Datasheet HTML 4Page - Diodes Incorporated PAM99700AC Datasheet HTML 5Page - Diodes Incorporated PAM99700AC Datasheet HTML 6Page - Diodes Incorporated PAM99700AC Datasheet HTML 7Page - Diodes Incorporated PAM99700AC Datasheet HTML 8Page - Diodes Incorporated PAM99700AC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM99700
Document number: DSxxxxx Rev. 1 - 1
1 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM99700
A Product Line of
Diodes Incorporated
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Description
The PAM99700 is an open loop current mode control LED driver IC.
The PAM99700 can be programmed to operate in either a constant
frequency or constant off-time mode. It includes a 12 - 500V regulator
which allows it to work from a wide range of input voltages without the
need for an external low voltage supply. The PAM99700 includes a
PWM dimming input that can accept an external control signal with a
duty ratio of 0 - 100% and a frequency of up to a few kilohertz. It also
includes a 0 - 250mV linear dimming input which can be used for
linear dimming of the LED current.
The PAM99700 is ideally suited for buck LED drivers. Since the
PAM99700 operates in open loop current mode control, the controller
achieves good output current regulation without the need for any loop
compensation. PWM dimming response is limited only by the rate of
rise and fall of the inductor current, enabling very fast rise and fall
times. The PAM99700 requires only three external components (apart
from the power stage) to produce a controlled LED current making it
an ideal solution for low cost LED drivers.
Features
•
Switch Mode Controller for Single Switch LED Drivers
•
Open Loop Peak Current Controller
•
Constant Frequency or Constant Off-Time Operation
•
Linear and PWM Dimming Capability
•
Requires Few External Components for Operation
•
Application From a Few mA to More than 1A Output
Pin Assignments
Applications
•
DC/DC or AC/DC LED Driver Applications
•
RGB Backlighting LED Driver
•
Back Lighting of Flat Panel Displays
•
General Purpose Constant Current Source
•
Signage and Decorative LED Lighting


Similar Part No. - PAM99700AC

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAM ALTECH-PAM Datasheet
285Kb / 1P
Padlock for 30 mm mushroom actuator
logo
Power Analog Micoelectr...
PAM 8610 PAM-PAM 8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Gamewell-FCI by Honeywe...
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
53Kb / 2P
Ionization Detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
90Kb / 2P
Photoelectronic detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
60Kb / 2P
Photoelectronic Detector
More results

Similar Description - PAM99700AC

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
Universal High Brightness LED Driver
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com