Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2821 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2821
Description  High-side Power Distribution Switch with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2821 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2821 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Advance Datasheet
High-side Power Distribution Switch with Enable
AP2821
Mar. 2013
Rev 2. 0
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 4. Supply Current vs. Input Voltage
Figure 5. Current Limit vs. Temperature
Figure 6. Enable Input Threshold vs. Temperature
Figure 7. Enable Input Threshold vs. Input Voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
Input Voltage (V)
V
EN
=V
IN
-40
-20
0
20
40
60
80
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Temperature (
oC)
V
IN
=5V
-40
-20
0
2040
6080
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
V
IN
=5V
V
EN
Rising
V
EN
Falling
Temperature (
oC)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
V
EN
Rising
V
EN
Falling
T
A
=25
oC
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com