Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2821 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2821
Description  High-side Power Distribution Switch with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2821 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2821 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2821 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Advance Datasheet
High-side Power Distribution Switch with Enable
AP2821
Mar. 2013
Rev 2. 0
BCD Semiconductor Manufacturing Limited
12
Typical Performance Characteristics (Continued)
Figure 24. Switch Turn-off and Fall Time
Figure 25. Switch Turn-off and Fall Time
(VIN=5.0V, COUT=100μF, No Load)
(VIN=3.3V, COUT=100μF, RL=10Ω)
Figure 26. Switch Turn-off and Fall Time
Figure 27. Resistance Load Inrush Response
(VIN=5.0V, COUT=100μF, RL=10Ω)
(COUT=4.7μF, RL=1.65Ω)
VOUT
2V/div
IOUT
1A/div
Time 100
μs/div
VOUT
1V/div
Time 10ms/div
VOUT
1V/div
Time 500µs/div
VOUT
1V/div
Time 500µs/div
VEN
5V/div
VEN
5V/div
IOUT
500mA
/div
VEN
5V/div
IOUT
500mA
/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com