Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2822 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2822 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
Figure 16. UVLO Voltage vs. Ambient Temperature
Figure 17. Flag Delay Time during Over Current
vs. Ambient Temperature
Figure 18. Flag Delay Time during Over Current
Figure 19. Output Short to GND Current
vs. Supply Voltage
vs. Supply Voltage
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Ambient Temperature (
OC)
Enable Active
V
IN Rising
V
IN Falling
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
5
6
7
8
9
10
11
12
13
14
15
V
IN=5V
Enable Active
Ambient Temperature (
OC)
3.0
3.5
4.0
4.5
5.0
5.5
6
8
10
12
14
Supply Voltage (V)
T
A=25
OC
V
IN=5V
Enable Active
3.0
3.5
4.0
4.5
5.0
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
For AP2822 E/F/G/H
Supply Voltage (V)
V
IN=5V
Enable Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com