Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2822 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2822 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
K/KA/KB/KE Package
(
SOT-23-5)
K
KA
KB
KE
Figure 2. Pin Configuration of AP2822 (Top View)
1
2
34
5
FLAG
GND
EN
VOUT
VIN
1
2
3
4
5
GND
FLAG
VOUT
VIN
EN
1
2
3
4
5
GND
VIN
VOUT
EN
VOUT
1
2
3
4
5
GND
FLAG
EN
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com