Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7176B Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7176B
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7176B Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7176B Datasheet HTML 6Page - Diodes Incorporated AP7176B Datasheet HTML 7Page - Diodes Incorporated AP7176B Datasheet HTML 8Page - Diodes Incorporated AP7176B Datasheet HTML 9Page - Diodes Incorporated AP7176B Datasheet HTML 10Page - Diodes Incorporated AP7176B Datasheet HTML 11Page - Diodes Incorporated AP7176B Datasheet HTML 12Page - Diodes Incorporated AP7176B Datasheet HTML 13Page - Diodes Incorporated AP7176B Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP7176B
Document number: DS35818 Rev.3 - 2
13 of 14
www.diodes.com
April 2014
© Diodes Incorporated
AP7176B
Package Outline Dimensions (cont.) (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(3) U-DFN3030-10
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) SO8-EP
(2) MSOP-8EP
U-DFN3030-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
⎯
⎯
0.15
b
0.20
0.30
0.25
D
2.90
3.10
3.00
D2
2.30
2.50
2.40
e
⎯
⎯
0.50
E
2.90
3.10
3.00
E2
1.50
1.70
1.60
L
0.25
0.55
0.40
z
⎯
⎯
0.375
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
3.502
X2
4.612
Y
1.505
Y1
2.613
Y2
6.500
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
G
X
C
Y
Y2
Y1
X1
SEATING PLANE
A3
A
A1
Pin#1 ID
L
E E2
D
D2
b
e
z
C
Y1
X1
X
Y
Y2
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com