Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7176B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7176B
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7176B Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7176B Datasheet HTML 1Page - Diodes Incorporated AP7176B Datasheet HTML 2Page - Diodes Incorporated AP7176B Datasheet HTML 3Page - Diodes Incorporated AP7176B Datasheet HTML 4Page - Diodes Incorporated AP7176B Datasheet HTML 5Page - Diodes Incorporated AP7176B Datasheet HTML 6Page - Diodes Incorporated AP7176B Datasheet HTML 7Page - Diodes Incorporated AP7176B Datasheet HTML 8Page - Diodes Incorporated AP7176B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7176B
Document number: DS35818 Rev.3 - 2
2 of 14
www.diodes.com
April 2014
© Diodes Incorporated
AP7176B
Typical Applications Circuit
Figure 1 Typical Application Circuit
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8EP
MSOP-8EP
U-DFN3030-10
PG
1
1
5
Power Good.Output open drain to indicate the status of VOUT via monitoring the FB pin.
This pin is pulled low when the voltage is outside the limits, during thermal shutdown and
if either VCNTL or VIN go below their thresholds.
EN
2
2
6
Enable Pin. Driving this pin low will disable the part. When left floating an internal current
source will pull this pin high and enable it.
VIN
3
3
7,8,9
Power Input Pin for current supply. Connect a decoupling capacitor (≥10µF) as close as
possible to the pin for noise filtering
VCNTL
4
4
10
BIAS supply for the controller, recommended 5V. Connect a decoupling capacitor (≥1µF)
as close as possible to the pin for noise filtering.
NC
5
5
No Connection
VOUT
6
6
1,2,3
Power output pin
FB
7
7
4
Feedback to set the output voltage via an external resistor divider between VOUT and GND
GND
8
8
11
Ground
PAD
EP
EP
EP
Exposed pad connected to GND for good thermal conductivity
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com