Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22800 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated AP22800 Datasheet HTML 10Page - Diodes Incorporated AP22800 Datasheet HTML 11Page - Diodes Incorporated AP22800 Datasheet HTML 12Page - Diodes Incorporated AP22800 Datasheet HTML 13Page - Diodes Incorporated AP22800 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
13 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: U-DFN2116-8
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: U-DFN2116-8
U-DFN2116-8
Dim
Min
Max
Typ
A
0.545
0.605
0.575
A1
0.000
0.050
0.020
A3
-
-
0.130
b
0.200
0.300
0.250
D
2.050
2.175
2.100
D2
1.600
1.800
1.700
E
1.550
1.675
1.600
E2
0.300
0.500
0.400
e
-
-
0.500
L
0.275
0.375
0.325
Z
-
-
0.175
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
1.750
X2
1.800
Y
0.600
Y1
0.450
Y2
2.050
Pin1
X2
X1
Y1
Y2
Y
C
X
D
D2
E
e
b
L
E2
D2/2
E2/2
R0.100
Z
(0.600)
C'0.2x45°
(Pin #1 ID)
A
A1
A3
Seating Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com