Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22800 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22800 Datasheet HTML 1Page - Diodes Incorporated AP22800 Datasheet HTML 2Page - Diodes Incorporated AP22800 Datasheet HTML 3Page - Diodes Incorporated AP22800 Datasheet HTML 4Page - Diodes Incorporated AP22800 Datasheet HTML 5Page - Diodes Incorporated AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
2 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Pin Descriptions
Functional Block Diagram
DIS
SS
EN
GND
VIN
VOUT
PG
Power
Good?
Charge
Pump
Pin Name
Pin Number
Function
VIN
1, 2
Input Voltage.
EN
3
Enable Input, Active High.
SS
4
Soft-Start Adjust. An external capacitor connected to this pin will set the ramp-up time of VOUT.
PG
5
Power Good. Open-drain output to indicate when the switch is fully enhanced.
DIS
6
Output Discharge. An external resistor between DIS and VOUT sets the discharge rate at VOUT
when EN goes low.
VOUT
7, 8
Output Voltage. This pin connects to the Source of the N-channel MOSFET.
GND
PAD
Ground.
Power
Good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com