Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22802 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated AP22802 Datasheet HTML 10Page - Diodes Incorporated AP22802 Datasheet HTML 11Page - Diodes Incorporated AP22802 Datasheet HTML 12Page - Diodes Incorporated AP22802 Datasheet HTML 13Page - Diodes Incorporated AP22802 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
13 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75

0°
8°

All Dimensions in mm
Dimensions Value (in mm)
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
A
M
J
L
D
B C
H
K
N
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com