Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22802 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22802 Datasheet HTML 1Page - Diodes Incorporated AP22802 Datasheet HTML 2Page - Diodes Incorporated AP22802 Datasheet HTML 3Page - Diodes Incorporated AP22802 Datasheet HTML 4Page - Diodes Incorporated AP22802 Datasheet HTML 5Page - Diodes Incorporated AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
2 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Pin Descriptions
Pin Number
Pin Name
Function
1
OUT
Voltage Output Pin
2
GND
Ground Pin of the Circuitry
3
FLG
Over Current and Over temperature fault report;
Open-Drain flag is active low when triggered.
4
EN
Enable Input
AP22802A: Active High
AP22802B: Active Low
5
IN
Voltage Input Pin
Functional Block Diagram
Thermal
Sense
FLG
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Discharge
Control
Driver
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 5.7
V
VOUT
Output Voltage
-0.3 to (VIN +0.3)
V
VEN
Enable Voltage
-0.3 to (VIN +0.3)
V
IL
Load Current
Internal Limited
A
TJ(max)
Maximum Junction Temperature
+150
°C
TST
Storage Temperature
-65 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient
SOT25 (Note 5)
180
°C/W
RθJC
Thermal Resistance, Junction to Case
SOT25 (Note 5)
50
°C/W
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Test condition for SOT25: Device mounted on 1
”x1” FR-4 substrate PC board, 2oz copper with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com