Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22966 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated AP22966 Datasheet HTML 10Page - Diodes Incorporated AP22966 Datasheet HTML 11Page - Diodes Incorporated AP22966 Datasheet HTML 12Page - Diodes Incorporated AP22966 Datasheet HTML 13Page - Diodes Incorporated AP22966 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
13 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
V-DFN3020-14
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
V-DFN3020-14
V-DFN3020-14
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0
0.05
0.02
A3
-
-
0.15
b
0.15
0.25
0.20
D
2.95
3.05
3.00
D2
2.40
2.60
2.50
E
1.95
2.05
2.00
E1
0.80
1.00
0.90
e
-
-
0.40
L
0.30
0.40
0.35
Z
-
-
0.20
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.400
C1
0.600
X
0.250
X1
0.650
X2
2.550
X3
2.650
Y
0.500
Y1
0.950
Y2
2.200
X3
Y2
Y1
X2
X1
Y
X
C1
C
R0.175
D
E
e
b
L
A
A1
A3
(Pin #1 ID)
Seating Plane
Z
E1
D2
R0.20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com