Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP91352 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP91352
Description  SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP91352 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP91352 Datasheet HTML 1Page - Diodes Incorporated AP91352 Datasheet HTML 2Page - Diodes Incorporated AP91352 Datasheet HTML 3Page - Diodes Incorporated AP91352 Datasheet HTML 4Page - Diodes Incorporated AP91352 Datasheet HTML 5Page - Diodes Incorporated AP91352 Datasheet HTML 6Page - Diodes Incorporated AP91352 Datasheet HTML 7Page - Diodes Incorporated AP91352 Datasheet HTML 8Page - Diodes Incorporated AP91352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP91352
Document number: DS38109 Rev. 1 - 2
2 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP91352
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Description
1, 2, 3
VCC
Supply input, a 1µF capacitor is needed to supply internal charge pump. The capacitor return
should be connected directly to the GND pin.
4
SAS
SAS Disable, When this pin is pulled high to a voltage greater then 2.1V, the eFuse is turned off.
5
EN/FAULT
The EN/FAULT
pin is a tri−state, bidirectional interface. It can be used to enable or disable the
output of the device by pulling it to ground using an open drain device. If a thermal fault occurs,
the voltage on this pin will go to an intermediate state to signal a monitoring circuit that the device
is in thermal shutdown. It can also be connected to another device in this family to cause a
simultaneous shutdown during thermal events.
6, 7, 8
NC
Do not connect on PCB, internally connected for production purpose
9, 10, 11
VOUT
Output: eFuse controlled output; a 20µF capacitor is needed for over voltage protection stability.
The capacitor return should be connected directly to the GND pin.
12
GND
Ground
13
GND
Ground exposed pad
EN
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com