Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP91352 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP91352
Description  SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP91352 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP91352 Datasheet HTML 1Page - Diodes Incorporated AP91352 Datasheet HTML 2Page - Diodes Incorporated AP91352 Datasheet HTML 3Page - Diodes Incorporated AP91352 Datasheet HTML 4Page - Diodes Incorporated AP91352 Datasheet HTML 5Page - Diodes Incorporated AP91352 Datasheet HTML 6Page - Diodes Incorporated AP91352 Datasheet HTML 7Page - Diodes Incorporated AP91352 Datasheet HTML 8Page - Diodes Incorporated AP91352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP91352
Document number: DS38109 Rev. 1 - 2
3 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP91352
Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Units
VCC
Input Voltage
Steady State
-0.3 to 12
V
Transient (100ms)
-0.3 to 15
EN/FAULT
Enable Voltage
-0.3 to 6
V
SAS
SAS Disable Voltage
-0.3 to 3.6
V
VOUT
VOUT Voltage
-0.3 to 7.0
V
ESD HBM
Human Body ESD Protection JESD22-A114
2000
V
ESD CDM
Charged Device Model ESD Protection JESD22-C101
1000
V
TA(max)
Maximum Ambient Temperature
-40 to +125
°C
TJ(max)
Maximum Junction Temperature
+150
°C
TST
Storage Temperature
-65 to +150
°C
PD
Power Dissipation (TA = +25°C)
W-QFN3020-12
1.3
W
RθJA
Thermal Resistance, Junction to Ambient (0.5 sq in) W-QFN3020-12 (Note 5)
40
°C/W
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. For a device surface mounted on 25mm by 25mm by 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady state condition.
Recommended Operating Conditions (All specifications are for -10°C < TA < +85°C, VCC = 5V, unless otherwise noted.)
Symbol
Parameter
Min
Typ
Max
Units
VCC
Input Voltage Range
3.6
–
12
V
TA
Operating Ambient Temperature
-40
–
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com