Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2106 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2106
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2106 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2106 Datasheet HTML 1Page - Diodes Incorporated DGD2106 Datasheet HTML 2Page - Diodes Incorporated DGD2106 Datasheet HTML 3Page - Diodes Incorporated DGD2106 Datasheet HTML 4Page - Diodes Incorporated DGD2106 Datasheet HTML 5Page - Diodes Incorporated DGD2106 Datasheet HTML 6Page - Diodes Incorporated DGD2106 Datasheet HTML 7Page - Diodes Incorporated DGD2106 Datasheet HTML 8Page - Diodes Incorporated DGD2106 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2106
Document Number DS38270 Rev. 3 - 2
1 of 11
www.diodes.com
February 2016
© Diodes Incorporated
DGD2106
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2106 is a high-voltage / high-speed gate driver capable of
driving
N-Channel
MOSFETs
and
IGBTs
in
a
half-bridge
configuration.
High
voltage
processing
techniques
enable
the
DGD2106
’s high-side to switch to 600V in a bootstrap operation.
The DGD2106 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high pulse current buffers
designed for minimum driver cross conduction.
The DGD2106 is available in a space saving SO-8 (Type TH) package
and operates over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives two N-Channel MOSFETs or IGBTs in Half Bridge
Configuation
Outputs Tolerant to Negative Transients
Wide Logic and Low-Side Gate Driver Supply Voltage: 10V To
20V
Logic Input (HIN and LIN) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout for High and Low Side Drivers
Extended Temperature Range: -40°C To +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads
Solderable per MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2106S8-13
DGD2106
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8 (Type TH)
Top View
Typical Configuration
DGD2106
YY WW
= Manufacturer’s Marking
DGD2106 = Product Type Marking Code
YY
= Year (ex: 16 = 2016)
WW
= Week (01 to 53)


Similar Part No. - DGD2106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD21064 DIODES-DGD21064 Datasheet
772Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21064M DIODES-DGD21064M Datasheet
720Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14 (Type TH)
Rev. 4 - 2 September 2019
DGD21064MS14-13 DIODES-DGD21064MS14-13 Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21064MS14-13 DIODES-DGD21064MS14-13 Datasheet
720Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14 (Type TH)
Rev. 4 - 2 September 2019
More results

Similar Description - DGD2106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2190 DIODES-DGD2190 Datasheet
690Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com