Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2106 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2106
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2106 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2106 Datasheet HTML 1Page - Diodes Incorporated DGD2106 Datasheet HTML 2Page - Diodes Incorporated DGD2106 Datasheet HTML 3Page - Diodes Incorporated DGD2106 Datasheet HTML 4Page - Diodes Incorporated DGD2106 Datasheet HTML 5Page - Diodes Incorporated DGD2106 Datasheet HTML 6Page - Diodes Incorporated DGD2106 Datasheet HTML 7Page - Diodes Incorporated DGD2106 Datasheet HTML 8Page - Diodes Incorporated DGD2106 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD2106
Document Number DS38270 Rev. 3 - 2
4 of 11
www.diodes.com
February 2016
© Diodes Incorporated
DGD2106
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic
“1” Input Voltage
VIH
2.5
–
–
V
VCC = 10V to 20V
Logic
“0” Input Voltage
VIL
–
–
0.6
V
VCC = 10V to 20V
High Level Output Voltage, VBIAS - VO
VOH
–
0.05
0.2
V
IO = 2mA
Low Level Output Voltage, VO
VOL
–
0.02
0.1
V
IO = 2mA
Offset Supply Leakage Current
ILK
–
–
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
20
75
130
µA
VIN = 0V or 5V
Quiescent VCC Supply Current
ICCQ
60
120
180
µA
VIN = 0V or 5V
Logic
“1” Input Bias Current
IIN+
–
5.0
20
µA
VIN = 5V
Logic
“0” Input Bias Current
IIN-
–
–
2.0
µA
VIN = 0V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
8.0
8.9
9.8
V
–
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
7.4
8.2
9.0
V
–
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
8.0
8.9
9.8
V
–
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
7.4
8.2
9.0
V
–
Hysterisis
VCCUVH
0.3
0.7
–
V
–
Hysterisis
VBSUVH
0.3
0.7
–
V
–
Output High Short Circuit Pulsed Current
IO+
130
290
–
mA
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
270
600
–
mA
VO = 15V, PW ≤ 10µs
Note:
7. The VIN and IIN parameters are referenced to COM and are applicable to the two logic pins: HIN and LIN. The VO and IO parameters are referenced
to COM and are applicable to the respective output pins: HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Propagation Delay
tON
–
220
300
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
–
200
280
ns
VS = 0V or 600V
Delay Matching
tDM
–
0
30
ns
–
Turn-On Rise Time
tR
–
100
220
ns
VS = 0V
Turn-Off Fall Time
tF
–
35
80
ns
VS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com