Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 75 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 75 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 71Page - Silicon Laboratories EM341-RTR Datasheet HTML 72Page - Silicon Laboratories EM341-RTR Datasheet HTML 73Page - Silicon Laboratories EM341-RTR Datasheet HTML 74Page - Silicon Laboratories EM341-RTR Datasheet HTML 75Page - Silicon Laboratories EM341-RTR Datasheet HTML 76Page - Silicon Laboratories EM341-RTR Datasheet HTML 77Page - Silicon Laboratories EM341-RTR Datasheet HTML 78Page - Silicon Laboratories EM341-RTR Datasheet HTML 79Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 237 page
background image
EM341
76
Rev 1.0
transmitted character or to transmit a busy token (0xFF), which is determined by the SC_SPIRPT bit in the
SCx_SPICFG register. This functionality can only be enabled or disabled when the transmit FIFO is empty and the
transmit serializer is idle, indicated by a cleared SC_SPITXIDLE bit in the SCx_SPISTAT register. Refer to the
register description of SCx_SPICFG for more detailed information about SC_SPIRPT.
Every time an automatic character transmission starts, a transmit underrun is detected as there is no data in
transmit FIFO, and the INT_SCTXUND bit in the INT_SC2FLAG register is set. After automatic character
transmission is disabled, no more new characters are received. The receive FIFO holds characters just received.
Note: The Receive DMA complete event does not always mean the receive FIFO is empty.
"8.7. DMA Channels" on page 99 describes how to configure and use the serial receive and transmit DMA
channels.
8.3.4. Interrupts
SPI master controller second-level interrupts are generated by the following events:

Transmit FIFO empty and last character shifted out (depending on SCx_INTMODE, either the 0 to 1
transition or the high level of SC_SPITXIDLE)

Transmit FIFO changed from full to not full (depending on SCx_INTMODE, either the 0 to 1 transition or the
high level of SC_SPITXFREE)

Receive FIFO changed from empty to not empty (depending on SCx_INTMODE, either the 0 to 1 transition
or the high level of SC_SPIRXVAL)

Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)

Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)

Received and lost character while receive FIFO was full (receive overrun error)

Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable the
top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com