Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 38 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 34Page - Silicon Laboratories EM341-RTR Datasheet HTML 35Page - Silicon Laboratories EM341-RTR Datasheet HTML 36Page - Silicon Laboratories EM341-RTR Datasheet HTML 37Page - Silicon Laboratories EM341-RTR Datasheet HTML 38Page - Silicon Laboratories EM341-RTR Datasheet HTML 39Page - Silicon Laboratories EM341-RTR Datasheet HTML 40Page - Silicon Laboratories EM341-RTR Datasheet HTML 41Page - Silicon Laboratories EM341-RTR Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 237 page
background image
EM341
38
Rev 1.0
Table 6.5 shows which reset sources generate certain resets.
6.3. Clocks
The EM341 integrates four oscillators:

12 MHz RC oscillator

24 MHz crystal oscillator

10 kHz RC oscillator

32.768 kHz crystal oscillator
Figure 6.2 shows a block diagram of the clocks in the EM341. This simplified view shows all the clock sources and
the general areas of the chip to which they are routed.
Figure 6.2. Clocks Block Diagram
Table 6.5. Generated Resets
Reset Source
Reset Generation Module Output
PORESET SYSRESET DAPRESET PRESETHV PRESETLV
POR HV
X
X
X
X
X
POR LV (due to waking from
normal deep sleep)
X
X
X
X
POR LV (not due to waking from
normal deep sleep)
X
X
X
X
X
nRESET
X
X
X
X
Watchdog
X
X
X
SYSRESETREQ
X
X
X
Option byte error
X
X
X
Normal deep sleep
X
X
X
X
Emulated deep sleep
X
X
Debug reset
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com