Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 123 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 123 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 119Page - Silicon Laboratories EM341-RTR Datasheet HTML 120Page - Silicon Laboratories EM341-RTR Datasheet HTML 121Page - Silicon Laboratories EM341-RTR Datasheet HTML 122Page - Silicon Laboratories EM341-RTR Datasheet HTML 123Page - Silicon Laboratories EM341-RTR Datasheet HTML 124Page - Silicon Laboratories EM341-RTR Datasheet HTML 125Page - Silicon Laboratories EM341-RTR Datasheet HTML 126Page - Silicon Laboratories EM341-RTR Datasheet HTML 127Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 237 page
background image
EM341
124
Rev 1.0
Figure 9.16. Control Circuit in External Clock Mode 2
9.3.4. Capture/Compare Channels
Each capture/compare channel is built around a capture/compare register including a shadow register, an input
stage for capture with digital filter, multiplexing and prescaler, and an output stage with comparator and output
control.
Figure 9.17 gives an overview of the input stage of one capture/compare channel. The input stage samples the
corresponding TIy input to generate a filtered signal (TIyF). Then an edge detector with polarity selection generates
a signal (TIyFPy) which can be used either as trigger input by the slave mode controller or as the capture
command. It is prescaled before the capture register (ICyPS).
Figure 9.17. Capture/Compare Channel (Example: Channel 1 Input Stage)
The output stage generates an intermediate reference signal, OCyREF, which is only used internally. OCyREF is
always active high, but it may be inverted to create the output signal, OCy, that controls a GPIO output. Figure 9.18
shows the basic elements of a capture/compare channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com