Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 145 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 145 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 141Page - Silicon Laboratories EM341-RTR Datasheet HTML 142Page - Silicon Laboratories EM341-RTR Datasheet HTML 143Page - Silicon Laboratories EM341-RTR Datasheet HTML 144Page - Silicon Laboratories EM341-RTR Datasheet HTML 145Page - Silicon Laboratories EM341-RTR Datasheet HTML 146Page - Silicon Laboratories EM341-RTR Datasheet HTML 147Page - Silicon Laboratories EM341-RTR Datasheet HTML 148Page - Silicon Laboratories EM341-RTR Datasheet HTML 149Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 237 page
background image
EM341
146
Rev 1.0
TIM1_CR2: Address: 0x4000E004 Reset: 0x0
TIM2_CR2: Address: 0x4000F004 Reset: 0x0
Register 9.2. TIMx_CR2
TIM1_CR2: Timer 1 Control Register 2
TIM2_CR2: Timer 2 Control Register 2
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name TIM_TI1S
TIM_MMS
0
0
0
0
Bitname
Bitfield Access
Description
TIM_TI1S
[7]
RW
TI1 Selection.
0: TI1M (input of the digital filter) is connected to TI1 input.
1: TI1M is connected to the TI_HALL inputs (XOR combination).
TIM_MMS
[6:4]
RW
Master Mode Selection.
This selects the information to be sent in master mode to a slave timer for syn-
chronization using the trigger output (TRGO).
000: Reset - the TIM_UG bit in the TMRx_EGR register is trigger output.
If the reset is generated by the trigger input (slave mode controller configured in
reset mode), then the signal on TRGO is delayed compared to the actual reset.
001: Enable - counter enable signal CNT_EN is trigger output.
This mode is used to start both timers at the same time or to control a window in
which a slave timer is enabled. The counter enable signal is generated by
either the TIM_CEN control bit or the trigger input when configured in gated
mode. When the counter enable signal is controlled by the trigger input there is
a delay on TRGO except if the master/slave mode is selected (see the
TIM_MSM bit description in TMRx_SMCR register).
010: Update - UEV is trigger output.
This mode allows a master timer to be a prescaler for a slave timer.
011: Compare Pulse.
The trigger output sends a positive pulse when the TIM_CC1IF flag is to be set
(even if it was already high) as soon as a capture or a compare match occurs.
100: Compare - OC1REF signal is trigger output.
101: Compare - OC2REF signal is trigger output.
110: Compare - OC3REF signal is trigger output.
111: Compare - OC4REF signal is trigger output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com