Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 171 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 171 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 167Page - Silicon Laboratories EM341-RTR Datasheet HTML 168Page - Silicon Laboratories EM341-RTR Datasheet HTML 169Page - Silicon Laboratories EM341-RTR Datasheet HTML 170Page - Silicon Laboratories EM341-RTR Datasheet HTML 171Page - Silicon Laboratories EM341-RTR Datasheet HTML 172Page - Silicon Laboratories EM341-RTR Datasheet HTML 173Page - Silicon Laboratories EM341-RTR Datasheet HTML 174Page - Silicon Laboratories EM341-RTR Datasheet HTML 175Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 237 page
background image
EM341
172
Rev 1.0
10.1. Setup and Configuration
To use the ADC follow this procedure, described in more detail in the next sections:

Configure any GPIO pins to be used by the ADC in analog mode.

Set the offset and gain values.

If using DMA, reset the ADC DMA, define the DMA buffer, and start the DMA in the proper transfer mode.

If interrupts will be used, configure the top-level and second-level ADC interrupt bits.

Write the ADC configuration register to define the inputs, sample time, and start the conversions.
10.1.1. GPIO Usage
A GPIO pin used by the ADC as an input or voltage reference must be configured in analog mode by writing 0 to its
4-bit field in the proper GPIO_PxCFGH/L register. Note that a GPIO pin in analog mode cannot be used for any
digital functions, and GPIO_PxIN always reads it as 1. Only certain pins can be configured in analog mode. These
are listed in Table 10.1.
See "7. GPIO (General Purpose Input/Output)" on page 48 for more information about how to configure GPIO.
10.1.2. Voltage Reference
The ADC voltage reference (VREF) may optionally be output on PB0. To output the internal VREF on PB0, the
ADC must be enabled (ADC_ENABLE bit set in the ADC_CFG register) and PB0 must be configured in analog
mode.
Table 10.1. ADC GPIO Pin Usage
Analog Signal
GPIO
Configuration control
ADC0 input
PB5
GPIO_PBCFGH[7:4]
ADC1 input
PB6
GPIO_PBCFGH[11:8]
ADC2 input
PB7
GPIO_PBCFGH[15:12]
ADC3 input
PC1
GPIO_PCCFGL[7:4]
ADC4 input
PA4
GPIO_PACFGH[3:0]
ADC5 input
PA5
GPIO_PACFGH[7:4]
VREF output
PB0
GPIO_PBCFGL[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com