Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341-RTR Datasheet(PDF) 176 Page - Silicon Laboratories

Part # EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Datasheet(HTML) 176 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 172Page - Silicon Laboratories EM341-RTR Datasheet HTML 173Page - Silicon Laboratories EM341-RTR Datasheet HTML 174Page - Silicon Laboratories EM341-RTR Datasheet HTML 175Page - Silicon Laboratories EM341-RTR Datasheet HTML 176Page - Silicon Laboratories EM341-RTR Datasheet HTML 177Page - Silicon Laboratories EM341-RTR Datasheet HTML 178Page - Silicon Laboratories EM341-RTR Datasheet HTML 179Page - Silicon Laboratories EM341-RTR Datasheet HTML 180Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 237 page
background image
EM341
Rev 1.0
177
6. Wait until the INT_ADCULDFULL bit is set in the INT_ADCFLAG register, then read the result from
analogData.
To convert multiple inputs using this approach, repeat steps 4 through 6, loading the desired input configurations to
the ADC_CFG register in Step 5. If the inputs can use the same offset/gain correction, just repeat steps 5 and 6.
10.4. Calibration
Sampling of internal connections GND, VREF/2, and VREF allow for offset and gain calibration of the ADC in
applications where absolute accuracy is important. Offset error is calculated from the minimum input, and gain
error is calculated from the full-scale input range. Correction using VREF is recommended because VREF is
calibrated by the Ember software against VDD_PADSA. The VDD_PADSA regulator is factory-trimmed to 1.80 V
±20 mV. The ADC calibrates as a single-ended measurement. Differential signals require correction of both their
inputs.
The following steps outline the calibration procedure:
1. Calibrate VREF against VDD_PADSA.
2. Determine the ADC gain by sampling independently VREF and GND. Gain is calculated from the slope of
these two measurements.
3. Apply gain correction.
4. Determine the ADC offset by sampling GND.
5. Apply offset correction.
Table 10.5 shows the equations used to calculate the gain and offset correction values.
Table 10.5. ADC Gain and Offset Correction Equations
Calibration
Correction Value
Gain
Offset (after applying gain correction)
Notes:
1. The ADC output is 2s complement. All N are therefore 16-bit 2s complement numbers.
2. Offset is a 16-bit 2s complement number.
3. Gain is a 16-bit number representing a gain of 0 to 65535/32768 in 1/32768 steps. The default value is 32768,
corresponding to a gain of 1.
4. NGND is a sampling of ground. Due to the ADC's internal design, VGND does not yield the minimum 16 bit 2s
complement value 32768 as the conversion result. Instead, VGND yields a value close to 57344 when the input buffer
is not selected. VGND cannot be measured when the input buffer is enabled because it is outside the buffer's input
range.
5. NVREF is a sampling of VREF. Due to the ADC's internal design, VREF does not yield the maximum positive 16-bit 2s
complement 32767 as the conversion result. Instead, VREF yields a value close to 8192.
6. NVREF/2 is a sampling of VREF/2. VREF/2 yields a value close to 0.
7. Offset correction is affected by the gain correction value. Offset correction is calculated after gain correction has been
applied.
32768
16384
NVREF NGND
–

--------------------------------------------
2
57344 NGND
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com