Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V07P35P Datasheet(PDF) 2 Page - Littelfuse

Part # V07P35P
Description  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P35P Datasheet(HTML) 2 Page - Littelfuse

  V07P35P Datasheet HTML 1Page - Littelfuse V07P35P Datasheet HTML 2Page - Littelfuse V07P35P Datasheet HTML 3Page - Littelfuse V07P35P Datasheet HTML 4Page - Littelfuse V07P35P Datasheet HTML 5Page - Littelfuse V07P35P Datasheet HTML 6Page - Littelfuse V07P35P Datasheet HTML 7Page - Littelfuse V07P35P Datasheet HTML 8Page - Littelfuse V07P35P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Notes:
1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for model sizes 5mm, 7mm, 10mm, 14mm, and 20mm, respectively.
2. 10mm, 14mm and 20mm devices are UL recognized with 800V isolation voltage rating.
LV UltraMOVTM Series Device Ratings and Specifications
Epoxy
Coated
Models
Phenolic
Coated
Models2
Size
Disc
Dia.
(mm)
Max
Continuous
Voltage
Varistor Voltage at
1mA
Maximum
Clamping
Voltage
Max Peak
Current
(8 x 20µs
1 pulse)
Energy
Rating
(2ms,
1pulse)
Typical
Capaci-
tance
f = 1MHz
Part
Number
(Base part)
Branding
Part
Number
(Base part)
Branding
V
M(AC)RMS
V
M(DC)
V
NOM
Min
V
NOM
Nom
V
NOM
Max
V
C
I
PK
I
TM
W
TM
C
(V)
(V)
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(pF)
V05E11P
P5E11
V05P11P
P5P11
5
11
14
16.2
18.0
19.8
36
1
500
0.8
1300
V07E11P
P7E11
V07P11P
P7P11
7
11
14
16.2
18.0
19.8
36
2.5
1000
2.0
2900
V10E11P
P10E11
V10P11P
P10P11
10
11
14
16.2
18.0
19.8
36
5
2000
4.2
5450
V14E11P
P14E11
V14P11P
P14P11
14
11
14
16.2
18.0
19.8
36
10
4000
8
12000
V20E11P
P20E11
V20P11P
P20P11
20
11
14
16.2
18.0
19.8
36
20
8000
25
26000
V05E14P
P5E14
V05P14P
P5P14
5
14
18
19.8
22.0
24.2
43
1
500
1
1100
V07E14P
P7E14
V07P14P
P7P14
7
14
18
19.8
22.0
24.2
43
2.5
1000
2.2
2450
V10E14P
P10E14
V10P14P
P10P14
10
14
18
19.8
22.0
24.2
43
5
2000
5
4650
V14E14P
P14E14
V14P14P
P14P14
14
14
18
19.8
22.0
24.2
43
10
4000
10
10200
V20E14P
P20E14
V20P14P
P20P14
20
14
18
19.8
22.0
24.2
43
20
8000
28
22200
V05E17P
P5E17
V05P17P
P5P17
5
17
22
24.3
27.0
29.7
53
1
500
1.4
950
V07E17P
P7E17
V07P17P
P7P17
7
17
22
24.3
27.0
29.7
53
2.5
1000
2.8
2100
V10E17P
P10E17
V10P17P
P10P17
10
17
22
24.3
27.0
29.7
53
5
2000
6.5
3900
V14E17P
P14E17
V14P17P
P14P17
14
17
22
24.3
27.0
29.7
53
10
4000
13
8700
V20E17P
P20E17
V20P17P
P20P17
20
17
22
24.3
27.0
29.7
53
20
8000
35
18750
V05E20P
P5E20
V05P20P
P5P20
5
20
26
29.7
33.0
36.3
65
1
500
2
850
V07E20P
P7E20
V07P20P
P7P20
7
20
26
29.7
33.0
36.3
65
2.5
1000
4.2
1750
V10E20P
P10E20
V10P20P
P10P20
10
20
26
29.7
33.0
36.3
65
5
2000
10
3400
V14E20P
P14E20
V14P20P
P14P20
14
20
26
29.7
33.0
36.3
65
10
4000
20
7500
V20E20P
P20E20
V20P20P
P20P20
20
20
26
29.7
33.0
36.3
65
20
8000
58
15000
V05E23P
P5E23
V05P23P
P5P23
5
23
28
32.4
36.0
39.6
71
1
500
2.2
800
V07E23P
P7E23
V07P23P
P7P23
7
23
28
32.4
36.0
39.6
71
2.5
1000
5.0
1650
V10E23P
P10E23
V10P23P
P10P23
10
23
28
32.4
36.0
39.6
71
5
2000
12
3200
V14E23P
P14E23
V14P23P
P14P23
14
23
28
32.4
36.0
39.6
71
10
4000
23
7000
V20E23P
P20E23
V20P23P
P20P23
20
23
28
32.4
36.0
39.6
71
20
8000
70
14000
V05E25P
P5E25
V05P25P
P5P25
5
25
31
35.1
39.0
42.9
77
1
500
2.5
750
V07E25P
P7E25
V07P25P
P7P25
7
25
31
35.1
39.0
42.9
77
2.5
1000
5.5
1500
V10E25P
P10E25
V10P25P
P10P25
10
25
31
35.1
39.0
42.9
77
5
2000
13
2900
V14E25P
P14E25
V14P25P
P14P25
14
25
31
35.1
39.0
42.9
77
10
4000
25
6200
V20E25P
P20E25
V20P25P
P20P25
20
25
31
35.1
39.0
42.9
77
20
8000
77
13500
V05E30P
P5E30
V05P30P
P5P30
5
30
38
42.3
47.0
51.7
93
1
500
3.1
650
V07E30P
P7E30
V07P30P
P7P30
7
30
38
42.3
47.0
51.7
93
2.5
1000
7
1350
V10E30P
P10E30
V10P30P
P10P30
10
30
38
42.3
47.0
51.7
93
5
2000
15.5
2550
V14E30P
P14E30
V14P30P
P14P30
14
30
38
42.3
47.0
51.7
93
10
4000
32
5550
V20E30P
P20E30
V20P30P
P20P30
20
30
38
42.3
47.0
51.7
93
20
8000
90
12000
V05E35P
P5E35
V05P35P
P5P35
5
35
45
50.4
56.0
61.6
93
1
500
4
550
V07E35P
P7E35
V07P35P
P7P35
7
35
45
50.4
56.0
61.6
110
2.5
1000
9
1200
V10E35P
P10E35
V10P35P
P10P35
10
35
45
50.4
56.0
61.6
110
5
2000
20
2200
V14E35P
P14E35
V14P35P
P14P35
14
35
45
50.4
56.0
61.6
110
10
4000
40
5000
V20E35P
P20E35
V20P35P
P20P35
20
35
45
50.4
56.0
61.6
110
20
8000
115
10500
V05E40P
P5E40
V05P40P
P5P40
5
40
56
61.2
68.0
74.8
135
1
500
5
500
V07E40P
P7E40
V07P40P
P7P40
7
40
56
61.2
68.0
74.8
135
2.5
1000
11
1000
V10E40P
P10E40
V10P40P
P10P40
10
40
56
61.2
68.0
74.8
135
5
2000
25
1850
V14E40P
P14E40
V14P40P
P14P40
14
40
56
61.2
68.0
74.8
135
10
4000
50
4000
V20E40P
P20E40
V20P40P
P20P40
20
40
56
61.2
68.0
74.8
135
20
8000
140
8500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com