Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V07P35P Datasheet(PDF) 7 Page - Littelfuse

Part # V07P35P
Description  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P35P Datasheet(HTML) 7 Page - Littelfuse

Back Button V07P35P Datasheet HTML 3Page - Littelfuse V07P35P Datasheet HTML 4Page - Littelfuse V07P35P Datasheet HTML 5Page - Littelfuse V07P35P Datasheet HTML 6Page - Littelfuse V07P35P Datasheet HTML 7Page - Littelfuse V07P35P Datasheet HTML 8Page - Littelfuse V07P35P Datasheet HTML 9Page - Littelfuse V07P35P Datasheet HTML 10Page - Littelfuse V07P35P Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
NOTE: If pulse ratings are exceeded, a shift of V
N(DC)(at specified current) of
more then +/-10% could result. This type of shift, which normally results in a
decrease of V
N(DC), may result in the device not meeting the original published
specifications, but does not prevent the device from continuing to function,
and to provide ample protection.
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
Repetitive Surge Capability for 5mm Parts
V05x11P - V05x40P
Repetitive Surge Capability for 7mm Parts
V07x11P - V07x40P
Repetitive Surge Capability for 10mm Parts
V10x11P - V10x40P
Repetitive Surge Capability for 14mm Parts
V14x11P - V14x40P
Repetitive Surge Capability for 20mm Parts
V20x11P - V20x40P
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com