Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM4040Q
Description  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040Q Datasheet(HTML) 2 Page - Diodes Incorporated

  LM4040Q Datasheet HTML 1Page - Diodes Incorporated LM4040Q Datasheet HTML 2Page - Diodes Incorporated LM4040Q Datasheet HTML 3Page - Diodes Incorporated LM4040Q Datasheet HTML 4Page - Diodes Incorporated LM4040Q Datasheet HTML 5Page - Diodes Incorporated LM4040Q Datasheet HTML 6Page - Diodes Incorporated LM4040Q Datasheet HTML 7Page - Diodes Incorporated LM4040Q Datasheet HTML 8Page - Diodes Incorporated LM4040Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
2 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Continuous Reverse Current
20
mA
Continuous Forward Current
10
mA
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-55 to +150
°C
ESD Susceptibility
HBM
Human Body Model
4
kV
MM
Machine Model
TBC
V
CDM
Charged Device Model
TBC
kV
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not implied.
Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.)
Package Thermal Data
Package
θJA
PDIS
TA = +25°C, TJ = +150°C
SOT23
380°C/W
330mW
Recommended Operating Conditions
Characteristic
Min
Max
Units
Reverse Current
0.06
15
mA
Operating Ambient Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com