Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040Q Datasheet (PDF) - Diodes Incorporated

LM4040Q Datasheet PDF - Diodes Incorporated
Part # LM4040Q
Download  LM4040Q Download
File Size   555.83 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES

LM4040Q Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040Q Datasheet PDF - Diodes Incorporated

Part # LM4040Q
Download  LM4040Q Click to download

File Size   555.83 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES

LM4040Q Datasheet (HTML) - Diodes Incorporated


LM4040Q Product details

Description
The LM4040Q is a family of bandgap circuits designed to achieve precision micro-power voltage references of 2.5V, 3.0V and 5.0V. The devices are available in 0.2% B-grade, 0.5% C-grade and 1% D-grade initial tolerances.
They are available in small outline SOT23 surface mount package which is ideal for applications where space is at a premium. Excellent performance is maintained over the 60µA to 15mA operating current range with a typical temperature coefficient of only 20ppm/°C. The device has been designed to be highly tolerant of capacitive loads therefore maintaining excellent stability.

Features
• Small packages: SOT23
• No output capacitor required
• Output voltage tolerance
    • LM4040BQ ±0.2% at +25°C
    • LM4040CQ ±0.5% at +25°C
    • LM4040DQ ±1% at +25°C
• Low output noise
• 10Hz to 10kHz... 45µVRMS
• Wide operating current range 60µA to 15mA
• Extended temperature range -40°C to +125°C
• Low temperature coefficient 100 ppm/°C (max)
• Green Molding in SOT23
    • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
    • Halogen and Antimony Free. “Green” Device (Note 3)
• Automotive Grade
    • Qualified to AEC-Q100 Standards for High Reliability
    • PPAP Capable (Note 4)

Applications
• Automotive reference voltage
• Data acquisition systems




Similar Part No. - LM4040Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040Q-N TI-LM4040Q-N Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040QAIM3-2.5/NO.A TI2-LM4040QAIM3-2.5/NO.A Datasheet
1Mb / 84P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
REVISED AUGUST 2025
LM4040QAIM3-2.5/NOPB TI1-LM4040QAIM3-2.5/NOPB Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040QAIM3-2.5/NOPB TI1-LM4040QAIM3-2.5/NOPB Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4040QAIM3-2.5/NOPB TI2-LM4040QAIM3-2.5/NOPB Datasheet
1Mb / 84P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
REVISED AUGUST 2025
More results


Similar Description - LM4040Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
logo
Analog Devices
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com