Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8304ASR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8304ASR
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8304ASR Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8304ASR Datasheet HTML 1Page - Diodes Incorporated PAM8304ASR Datasheet HTML 2Page - Diodes Incorporated PAM8304ASR Datasheet HTML 3Page - Diodes Incorporated PAM8304ASR Datasheet HTML 4Page - Diodes Incorporated PAM8304ASR Datasheet HTML 5Page - Diodes Incorporated PAM8304ASR Datasheet HTML 6Page - Diodes Incorporated PAM8304ASR Datasheet HTML 7Page - Diodes Incorporated PAM8304ASR Datasheet HTML 8Page - Diodes Incorporated PAM8304ASR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8304
Document number: DS36589 Rev. 1 - 2
3 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8304
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA=25°C, VDD=5V, Gain=18dB, RL=L(33μH)+R+L(33μH), unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
2.8
6.0
V
Po
Output Power
THD+N = 10%, f = 1kHz,
R = 4Ω
VDD = 5.0V
3.0
W
VDD = 3.6V
1.5
VDD = 3.2V
1.2
THD+N = 1%, f = 1kHz,
R = 4Ω
VDD = 5.0V
2.4
W
VDD = 3.6V
1.25
VDD = 3.2V
1.0
THD+N = 10%, f = 1kHz,
R = 8Ω
VDD = 5.0V
1.75
W
VDD = 3.6V
0.90
VDD = 3.2V
0.70
THD+N = 1%, f = 1kHz,
R = 8Ω
VDD = 5.0V
1.40
W
VDD = 3.6V
0.72
VDD = 3.2V
0.60
THD+N
Total Harmonic
Distortion Plus
Noise
VDD = 5.0V, Po = 1W, R = 8Ω
f = 1kHz
0.17
%
VDD = 3.6V, Po = 0.1W, R = 8Ω
0.16
VDD = 3.2V, Po =0.1W, R = 8Ω
0.14
VDD = 5.0V, Po = 0.5W, R = 4Ω
f = 1kHz
0.14
%
VDD = 3.6V, Po = 0.2W, R = 4Ω
0.16
VDD = 3.2V, Po = 0.1W, R = 4Ω
0.17
PSRR
Power Supply Ripple
Rejection
VDD = 3.6V, Inputs ac-grounded
with C = 1μF
f=217Hz
-68
dB
f=1kHz
-70
f=10kHz
-67
Dyn
Dynamic Range
VDD = 5V,THD = %, R = 8Ω
f=1kHz
95
dB
Vn
Output Noise
Inputs ac-grounded
No A
weighting
170
μV
A-weighting
130
η
Efficiency
RL = 8Ω,THD = 10%
f=1kHz
93
%
RL = 4Ω,THD = 10%
86
IQ
Quiescent Current
VDD = 5V
No Load
5
mA
Isd
Shutdown Current
VDD = 2.8V to 5V
/SD=0V
1
μA
Rdson
Static Drain-to Source On-
state Resistor
High Side PMOS,I = 500mA
VDD=5.0V
325
mΩ
Low Side NMOS,I = 500mA
VDD=5.0V
200
mΩ
fsw
Switching Frequency
VDD = 2.8V to 5V
400
kHz
Gv
Closed-loop Gain
VDD = 2.8V to 5V
300K/Rin
V/V
Vos
Output Offset Voltage
Input ac-ground, VDD = 5V
50
mV
VIH
SD Input High Voltage
VDD = 5V
1.4
V
VIL
SD Input Low Voltage
VDD = 5V
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com