Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8304ASR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8304ASR
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8304ASR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8304ASR Datasheet HTML 1Page - Diodes Incorporated PAM8304ASR Datasheet HTML 2Page - Diodes Incorporated PAM8304ASR Datasheet HTML 3Page - Diodes Incorporated PAM8304ASR Datasheet HTML 4Page - Diodes Incorporated PAM8304ASR Datasheet HTML 5Page - Diodes Incorporated PAM8304ASR Datasheet HTML 6Page - Diodes Incorporated PAM8304ASR Datasheet HTML 7Page - Diodes Incorporated PAM8304ASR Datasheet HTML 8Page - Diodes Incorporated PAM8304ASR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM8304
Document number: DS36589 Rev. 1 - 2
4 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8304
A Product Line of
Diodes Incorporated
Performance Characteristics (@TA=25°C, VDD=5V, Gain=18dB, RL=L(33μH)+R+L(33μH), unless otherwise noted.)
THD+N Vs. Output Power (RL=4
Ω)
THD+N Vs. Output Power (RL=8
Ω)
THD+N Vs. Frequency
PSRR Vs. Frequency
Frequency Response
Noise Floor
0.1
20
0.2
0.5
1
2
5
10
%
1m
5
2m
5m
10 m
20m
50m
1 00m
20 0m
500 m
1
2
W
0. 1
20
0. 2
0. 5
1
2
5
10
%
1m
3
2m
5m
10m
20m
50 m
100m
200m
500m
1
2
W
-80
+0
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
0. 02
10
0. 05
0. 1
0. 2
0. 5
1
2
5
%
20
20k
50
100
2 0 0
5 00
1k
2k
5k
10k
Hz
-120
+20
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
+10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
+1 0
+2 0
+ 10. 5
+1 1
+ 11. 5
+1 2
+ 12. 5
+1 3
+ 13. 5
+1 4
+ 14. 5
+1 5
+ 15. 5
+1 6
+ 16. 5
+1 7
+ 17. 5
+1 8
+ 18. 5
+1 9
+ 19. 5
d
B
g
A
20
20 k
50
100
20 0
500
1k
2 k
5k
1 0 k
Hz
VDD=5.0V
Po=300mW
VDD=5.0V
VDD=3.6V
VDD=3.6V
VDD=3.6V
VDD=5.0V
VDD=5.0V
VDD=5.0V
VDD=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com