Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8406DR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8406DR
Description  ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8406DR Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8406DR Datasheet HTML 1Page - Diodes Incorporated PAM8406DR Datasheet HTML 2Page - Diodes Incorporated PAM8406DR Datasheet HTML 3Page - Diodes Incorporated PAM8406DR Datasheet HTML 4Page - Diodes Incorporated PAM8406DR Datasheet HTML 5Page - Diodes Incorporated PAM8406DR Datasheet HTML 6Page - Diodes Incorporated PAM8406DR Datasheet HTML 7Page - Diodes Incorporated PAM8406DR Datasheet HTML 8Page - Diodes Incorporated PAM8406DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PAM8406
Document number: DSxxxxx Rev. 1 - 0
5 of 14
www.diodes.com
March 2013
© Diodes Incorporated
PAM8406
A Product Line of
Diodes Incorporated
Electrical Characteristics (cont.)
(@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω, both Class-AB and D mode, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IMUTE
Muting Current
VDD = 5.0V
VMUTE = 0.3V
2.4
mA
ISD
Shutdown Current
VDD = 2.5V to 5.5V
VSD = 0.3V
< 1
µA
RDS(ON)
Static Drain-to-Source
On-State Resistor
IDS = 500mA, VGS = 5V
PMOS
180
mΩ
NMOS
140
fSW
Switching Frequency
VDD = 2.5V to 5.5V
Class-D
250
kHz
VOS
Output Offset Voltage
Input AC-GND, VDD = 5.0V
10
mV
VIH
Enable Input High
Voltage
VDD = 5.0V
1.4
V
VIL
Enable Input Low
Voltage
VDD = 5.0V
0.4
VIH
MUTE Input High
Voltage
VDD = 5.0V
1.4
V
VIL
MUTE Input Low
Voltage
VDD = 5.0V
0.4
VIH
MODE Input High
Voltage
VDD = 5.0V
1.4
V
VIL
MODE Input Low
Voltage
VDD = 5.0V
0.4
OTP
Over Temperature
Protection
No Load, Junction Temperature
VDD = 5.0V
150
°C
OTH
Over Temperature
Hysterisis
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com