Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8406DR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8406DR
Description  ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8406DR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8406DR Datasheet HTML 1Page - Diodes Incorporated PAM8406DR Datasheet HTML 2Page - Diodes Incorporated PAM8406DR Datasheet HTML 3Page - Diodes Incorporated PAM8406DR Datasheet HTML 4Page - Diodes Incorporated PAM8406DR Datasheet HTML 5Page - Diodes Incorporated PAM8406DR Datasheet HTML 6Page - Diodes Incorporated PAM8406DR Datasheet HTML 7Page - Diodes Incorporated PAM8406DR Datasheet HTML 8Page - Diodes Incorporated PAM8406DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAM8406
Document number: DSxxxxx Rev. 1 - 0
1 of 14
www.diodes.com
March 2013
© Diodes Incorporated
PAM8406
A Product Line of
Diodes Incorporated
ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Description
The PAM8406 is a 5W audio amplifier with an alternative option
between Class-D and Class-AB output which makes PAM8406 very
ideally for the applications efficiency-EMI compatible.
PAM8406 offers low THD+N, high SNR allowing it to achieve high-
quality sound reproduction. The fully differential output wi th new filter
less architecture (Class-D Mode) allows the device to drive the
speaker directly, requiring no low-pass output filters and DC blocking
capacitors, thus to save the system cost and PCB area.
The efficiency of the PAM8406 is up to 90%. It can extend the battery
life, ideally for portable applications. The PAM8406 is fully protected
against faults with short circuit protection and thermal protection.
The PAM8406 is available in SOP-16L/SOP-16(EP) package.
Features
Alternative Output: Class-D or Class-AB
5W Output at 10% THD with a 2Ω Load and 5V Power Supply
at Class-D Mode
3W Output at 10% THD with a 4Ω Load and 5V Power Supply
Filterless, Low Quiescent Current and No EMI
Low THD+N at Fully Output Range
Superior Low Noise
Efficiency up to 90% with Class-D Mode
No Pop At Turn-on/off
Fully Short Circuit Protection With Auto Recovery
Thermal Shutdown
Few External Components to Save the Space and Cost
SOP-16L/SOP-16(EP) Package
Pin Assignments
Applications
LCD TVs
Mutimedia Speakers
AM/FM System
DABs
Typical Applications Circuit


Similar Part No. - PAM8406DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8406DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
5W AUDIO AMPLIFIER WITH MUTING
Mar-1993
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com