Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8407 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM8407
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM8407 Datasheet HTML 2Page - Diodes Incorporated PAM8407 Datasheet HTML 3Page - Diodes Incorporated PAM8407 Datasheet HTML 4Page - Diodes Incorporated PAM8407 Datasheet HTML 5Page - Diodes Incorporated PAM8407 Datasheet HTML 6Page - Diodes Incorporated PAM8407 Datasheet HTML 7Page - Diodes Incorporated PAM8407 Datasheet HTML 8Page - Diodes Incorporated PAM8407 Datasheet HTML 9Page - Diodes Incorporated PAM8407 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
6 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Performance Characteristics (@TA = +25°C, VDD = 5V, Gain = 24dB, RL = L(33μH) + R + L(33μH), unless otherwise noted.)
Quiescent Current Vs. Supply Voltage
OSC Frequency Vs. Supply Voltage
Rdson Vs. Output Current
Up/Down Volume Control (dB)
240
245
250
255
260
265
270
23456
Supply Voltage(V)
0
50
100
150
200
250
300
350
400
0
500
1000
1500
Output Current(mA)
3
4
5
6
7
8
9
10
234
56
Supply Voltage(V)
PMOS
NMOS
STEP
Gain
STEP
Gain
STEP
Gain
1
24
12
7.5
23
-10
2
22.5
13
6
24
-12
3
21
14
4.5
25
-14
4
19.5
15
3
26
-16
5
18
16
1.5
27
-18
6
16.5
17
0
28
-20
7
15
18
-1.5
29
-22
8
13.5
19
-3
30
-24
9
12*
20
-4.5
31
-26
10
10.36
21
-6
32
-80
11
9
22
-8
-
-
*Default Gain=12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com