Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8407 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8407
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8407 Datasheet HTML 4Page - Diodes Incorporated PAM8407 Datasheet HTML 5Page - Diodes Incorporated PAM8407 Datasheet HTML 6Page - Diodes Incorporated PAM8407 Datasheet HTML 7Page - Diodes Incorporated PAM8407 Datasheet HTML 8Page - Diodes Incorporated PAM8407 Datasheet HTML 9Page - Diodes Incorporated PAM8407 Datasheet HTML 10Page - Diodes Incorporated PAM8407 Datasheet HTML 11Page - Diodes Incorporated PAM8407 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
11 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package: SO-16
Suggested Pad Layout (All dimensions in mm.)
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SO-16
Dim
Min
Max
A
1.40
1.75
A1
0.10
0.25
A2
1.30
1.50
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27

0
8

All Dimensions in mm
Dimensions
Value
(in mm)
C
1.270
X
0.670
X1
9.560
Y
1.450
Y1
6.400
D
E
H
L
A2
B
e
A1
A
C
Detail ‘A’
Detail ‘A’
Gauge Plane
X1
X
C
Y
Y1
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com