Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM8902A
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM8902A Datasheet HTML 3Page - Diodes Incorporated PAM8902A Datasheet HTML 4Page - Diodes Incorporated PAM8902A Datasheet HTML 5Page - Diodes Incorporated PAM8902A Datasheet HTML 6Page - Diodes Incorporated PAM8902A Datasheet HTML 7Page - Diodes Incorporated PAM8902A Datasheet HTML 8Page - Diodes Incorporated PAM8902A Datasheet HTML 9Page - Diodes Incorporated PAM8902A Datasheet HTML 10Page - Diodes Incorporated PAM8902A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PAM8902A
Document number: DSxxxxx Rev. 1 - 3
7 of 12
www.diodes.com
February 2013
© Diodes Incorporated
PAM8902A
A Product Line of
Diodes Incorporated
Application Information
Select Boost Converter Output Voltage
The VSET pin sets the boost converter output voltage to 8V, 12V or 17.5V. VSET pin configuration table as below:
VSET Pin Configuration
Min
Max
PVCC Voltage
Audio Amplifier
Maximum Output Voltage
High
AVDD – 0.5
AVDD
17.5V
11 VRMS (VPP = 31.1V)
Floating
1V
AVDD – 1V
12V
8 VRMS (VPP = 22.6V)
Low
GND
0.5V
8V
5 VRMS (VPP = 14.1V)
Gain Setting and Input Resistance (RI)
Gain setting function is only available in disable condition (ENA = low) and need to follow the sequence as pull ENA to low (disable the IC) first,
and change the GSET voltage between high, floating, low, then pull ENA to high (enable the IC).
The input resistors (RI = RIN + REX) set the gain of the amplifier according to Equation 1 when anti-saturation is inactive.
G = 20 Log [12.8*RF/ (RIN + REX)] (dB)
GSET
RIN
RFB
High
77.4kΩ
122.6kΩ
Floating
100kΩ
100kΩ
Low
122.6kΩ
77.4kΩ
Where RIN is a 77.4KΩ internal resistor, REX is the external input resistor, RF is a 122.6KΩ internal resistor. Resistor matching is very important
in fully differential amplifiers. The balance of the output on the reference voltage depends on matched ratios of the resistors. CMRR, PSRR, and
cancellation of the second harmonic distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors
or better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays with 1% matching can be used
with a tolerance greater than 1%.
Place the input resistors very close to the PAM8902A to limit noise injection on the high-impedance nodes. For optimal performance the gain
should be set to lower. Lower gain allows the PAM8902A to operate at its best, and keeps a high voltage at the input making the inputs less
susceptible to noise. In addition to these features, higher value of RI minimizes pop noise.
Anti-Saturation/Clipping Function
The anti-saturation circuitry detects the duty cycle of the PWM output. When the output starts to exhibit clipping, the gain is automatically
decreased with an attack time of 100µs per step a release time of 186ms per step. The following table describes the operation:
Variable
Description
Value
Gain
The original gain of the device when the Anti-saturation is
inactive.
26dB (GSET = High)
22dB (GSET = Floating)
18dB (GSET = Low)
Attenuation Range The gain control range when anti-saturation is active.
-26dB (GSET = High)
-22dB (GSET = Floating)
-18dB (GSET = Low)
Step Size
Gain adjust step size.
0.25dB/Step
Attack Time
The minimum time between two gain decrements.
100µs
Release Time
The minimum time between two gain increments.
186ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com