Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8902A
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902A Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8902A Datasheet HTML 1Page - Diodes Incorporated PAM8902A Datasheet HTML 2Page - Diodes Incorporated PAM8902A Datasheet HTML 3Page - Diodes Incorporated PAM8902A Datasheet HTML 4Page - Diodes Incorporated PAM8902A Datasheet HTML 5Page - Diodes Incorporated PAM8902A Datasheet HTML 6Page - Diodes Incorporated PAM8902A Datasheet HTML 7Page - Diodes Incorporated PAM8902A Datasheet HTML 8Page - Diodes Incorporated PAM8902A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8902A
Document number: DSxxxxx Rev. 1 - 3
1 of 12
www.diodes.com
February 2013
© Diodes Incorporated
PAM8902A
A Product Line of
Diodes Incorporated
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR
PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Description
The PAM8902A is a mono, Class-D audio amplifier with integrated
boost convertor designed for piezo and ceramic speakers. The
PAM8902A is capable for driving a ceramic/piezo speaker with
30VPP(0.6Vrms) from a 3.6V power supply. The PAM8902A's boost
converter operates at a fixed frequency of 1.5MHz and provides a
17.5V supply with a minimum number of external components. The
three gain mode of 18dB, 22dB and 26dB is easy for using. PAM
unique ant i -saturat ion technology which detects output signal clip
due to the over level input signal suppress the output signal clip
automatically. PAM8902A features an integrated audio low pass filter
that rejects high frequency noise, thus improving audio fidelity.
PAM8902A also provides thermal, over current, under and over
voltage protection.
The PAM8902A is available in a 16-ball 1.95mm x 1.95mm CSP
package and 16-pin QFN4x4 package.
Features
Supply Voltage Range from 2.7V to 5.5V package.
30VPP Output Load Voltage from a 2.7V Supply
Integrated Boost Converter Generates 17.5V Supply
Programmable Soft-Start
Unique Anti-Saturation Function
Small Boost Converter Inductor
Selectable Gain of 18dB, 22dB, and 26dB
(Refer to “Application Notes”)
Selectable Boost output voltage of 8V, 12V, and 17.5V
Low Shutdown Current: <1µA
Build in Thermal, OCP, UVLO, OVP
Available in Space Saving Packages:
16-ball 1.95mm x 1.95mm CSP package
16-pin QFN4x4 package
Applications
Wireless or Cellular Handsets
Portable DVD Player
Personal Digital Assistants (PDAs )
Electronic Dictionaries
Digital Still Cameras
Pin Assignments


Similar Part No. - PAM8902A

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8902HKER DIODES-PAM8902HKER Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8902HZER DIODES-PAM8902HZER Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8902KER-P DIODES-PAM8902KER-P Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
More results

Similar Description - PAM8902A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2100P1 TI-TPA2100P1 Datasheet
949Kb / 23P
19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Asahi Kasei Microsystem...
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Power Analog Micoelectr...
PAM8012 PAM-PAM8012 Datasheet
346Kb / 13P
Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com