Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8905 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8905
Description  1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8905 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8905 Datasheet HTML 1Page - Diodes Incorporated PAM8905 Datasheet HTML 2Page - Diodes Incorporated PAM8905 Datasheet HTML 3Page - Diodes Incorporated PAM8905 Datasheet HTML 4Page - Diodes Incorporated PAM8905 Datasheet HTML 5Page - Diodes Incorporated PAM8905 Datasheet HTML 6Page - Diodes Incorporated PAM8905 Datasheet HTML 7Page - Diodes Incorporated PAM8905 Datasheet HTML 8Page - Diodes Incorporated PAM8905 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM8905
Document number: DS37026 Rev. 2 - 2
1 of 9
www.diodes.com
May 2015
© Diodes Incorporated
PAM8905
A Product Line of
Diodes Incorporated
1.9W Class-D Audio Amplifier with Integrated
Boost Converter and Battery Tracking AGC
Description
The PAM8905 is a high efficiency Class-D audio power amplifier with
an integrated boost converter. It drives up to 1.9W (1% THD+N) into
an
8Ω speaker. With 85% typical efficiency, the PAM8905 helps
extend battery life when playing audio.
The built-in boost converter generates the voltage rail for the output
stage. This provides a louder audio output than a stand-alone
amplifier connected directly to the battery. It also maintains a
consistent loudness, regardless of battery voltage.
The PAM8905 features battery tracking AGC function which adjusts
the Class-D gain to limit battery current at lower battery voltage.
PAM8905 features DC input protection and all outputs are fully
protected against output-to-output shorts. The PAM8905 is available
in U-WLB1520-12 package.
Features
Built-In Battery Tracking Automatic Gain Control (AGC)
High Efficiency Integrated Boost Converter Over 85%
1.9
W into an 8Ω Load from a 3.6V Supply
Operates from 2.8V to 5.2V
Efficient Class-D Prolongs Battery Life
Minimized ON/OFF Pop Noise
Superior Low Noise
High PSRR
DC Input Protection
Auto-Recovery Short-Circuit Protection
Thermal Shutdown
Available in U-WLB1520-12 Package
Pin Assignments
PVDD
SW
OUT +
OUT-
EN
BGND
PGND
AGND
IN-
B
C
D
1
2
3
VBAT
AGC
IN+
A
(TOP VIEW)
Applications
Cell Phones
PDA
GPS
Portable Electronics
Speakers
Typical Applications Circuit
2.8V to 5.2V
2.2uH
VBAT
SW
PVDD
10uF~22uF
AGND
AGND
PGND
OUT+
OUT-
VBAT
AGC
IN+
IN-
Audio Input
EN
AGC
10uF


Similar Part No. - PAM8905

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
More results

Similar Description - PAM8905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
logo
Fangtek Ltd.
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2923 FANGTEK-FT2923 Datasheet
1Mb / 27P
2x4.5W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com