Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8905 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8905
Description  1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8905 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8905 Datasheet HTML 1Page - Diodes Incorporated PAM8905 Datasheet HTML 2Page - Diodes Incorporated PAM8905 Datasheet HTML 3Page - Diodes Incorporated PAM8905 Datasheet HTML 4Page - Diodes Incorporated PAM8905 Datasheet HTML 5Page - Diodes Incorporated PAM8905 Datasheet HTML 6Page - Diodes Incorporated PAM8905 Datasheet HTML 7Page - Diodes Incorporated PAM8905 Datasheet HTML 8Page - Diodes Incorporated PAM8905 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAM8905
Document number: DS37026 Rev. 2 - 2
2 of 9
www.diodes.com
May 2015
© Diodes Incorporated
PAM8905
A Product Line of
Diodes Incorporated
1.9W Class-D Audio Amplifier with Integrated
Boost Converter and Battery Tracking AGC
Pin Descriptions
Pin Name
Pin Number
Description
PVDD
A1
Boost Converter Output and Class D Amplifier Power Supply
OUT+
B1
Amplifier Positive Audio Output
OUT-
C1
Amplifier Negative Audio Output
PGND
D1
Class-D Power Ground
SW
A2
Boost Convertor Switching
AGC
B2
AGC Inflection Point Select
Connect to VBAT, GND or Float. Voltage at AGC pin is only read at device power-up.
A power cycle is required to change inflection points.
EN
C2
Device Enable
Set to logic high to enable
AGND
D2
Analog Ground
BGND
A3
Boost Converter Power Ground
VBAT
B3
Supply Voltage
IN+
C3
Positive Audio Input
IN-
D3
Negative Audio Input
Block Diagram
+
-
PWM
Modulator
UVLO
Startup
Protec tion
OSC
Gate
Driv e
Gate
Driv e
SCP
OTP
DCP
VREF
IN+
IN-
OUT+
OUT-
VBAT
Bias
EN
AGC
PGND
Boos t Conv ertor
PVDD
SW
AGND
BGND
AGC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com