Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3596-RTR Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EM3596-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3596-RTR Datasheet(HTML) 5 Page - Silicon Laboratories

  EM3596-RTR Datasheet HTML 1Page - Silicon Laboratories EM3596-RTR Datasheet HTML 2Page - Silicon Laboratories EM3596-RTR Datasheet HTML 3Page - Silicon Laboratories EM3596-RTR Datasheet HTML 4Page - Silicon Laboratories EM3596-RTR Datasheet HTML 5Page - Silicon Laboratories EM3596-RTR Datasheet HTML 6Page - Silicon Laboratories EM3596-RTR Datasheet HTML 7Page - Silicon Laboratories EM3596-RTR Datasheet HTML 8Page - Silicon Laboratories EM3596-RTR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
EM359x
Rev 1.0
5
1. Related Documents and Conventions
1.1. Related Documents
This data sheet accompanies several documents to provide the complete description of the Ember EM359x
devices.
1.1.1. Ember EM359x Reference Manual
The Silicon Laboratories Ember EM359x Reference Manual provides the detailed description for each peripheral
on the EM359x devices.
1.1.2. ZigBee Specification
The core ZigBee specification (Document 053474) defines ZigBee's smart, cost-effective and energy-efficient
mesh network. It can be downloaded from the ZigBee website (www.zigbee.org). ZigBee Alliance membership is
required.
1.1.3. ZigBee PRO Stack Profile
The ZigBee PRO Stack Profile specification (Document 074855) is optimized for low power consumption and to
support large networks with thousands of devices. It can be downloaded from the ZigBee website (111.zigbee.org).
ZigBee Alliance membership is required.
1.1.4. ZigBee Stack Profile
The ZigBee Stack Profile specification (Document 064321) is designed to support smaller networks with hundreds
of devices in a single network. It can be downloaded from the ZigBee website (111.zigbee.org). ZigBee Alliance
membership is required.
1.1.5. Bluetooth Core Specification
The Bluetooth specification is the global short-range wireless standard enabling connectivity for a broad range of
electronic devices. Version 2.1 + EDR (Enhanced Data Rate) can be found here:
http://www.bluetooth.org/docman/handlers/downloaddoc.ashx?doc_id=241363
1.1.6. IEEE 802.15.4-2003
This standard defines the protocol and compatible interconnection for data communication devices using low data
rate, low power and low complexity, short-range radio frequency (RF) transmissions in a wireless personal area
network (WPAN). It can be found here:
IEEE 802.15.4-2003 (http://standards.ieee.org/getieee802/download/802.15.4-2003.pdf)
1.1.7. IEEE 802.11g
This version provides changes and additions to support the further higher data rate extension for operation in the
2.4 GHz band. It can be found here:
http://standards.ieee.org/getieee802/download/802.11g-2003.pdf
1.1.8. USB 2.0 Specification
The Universal Serial Bus Revision 2.0 specification provides the technical details to understand USB requirements
and design USB compatible products. The main specification (usb_20.pdf) is part of the zipfile found here:
http://www.usb.org/developers/docs/usb_20_101111.zip
1.1.9. ARM® Cortex™-M3 Reference Manual
ARM-specific features like the Nested Vector Interrupt Controller are described in the ARM® Cortex™-M3
reference documentation. The online reference manual can be found here:
http://infocenter.arm.com/help/topic/com.arm.doc.subset.cortexm.m3/index.html#cortexm3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com