Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3596-RTR Datasheet(PDF) 14 Page - Silicon Laboratories

Part # EM3596-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3596-RTR Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button EM3596-RTR Datasheet HTML 10Page - Silicon Laboratories EM3596-RTR Datasheet HTML 11Page - Silicon Laboratories EM3596-RTR Datasheet HTML 12Page - Silicon Laboratories EM3596-RTR Datasheet HTML 13Page - Silicon Laboratories EM3596-RTR Datasheet HTML 14Page - Silicon Laboratories EM3596-RTR Datasheet HTML 15Page - Silicon Laboratories EM3596-RTR Datasheet HTML 16Page - Silicon Laboratories EM3596-RTR Datasheet HTML 17Page - Silicon Laboratories EM3596-RTR Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
EM359x
14
Rev 1.0
3.3. Environmental Characteristics
Table 3.3 lists the rated environmental characteristics of the EM359x.
3.4. DC Electrical Characteristics
Table 3.4 lists the DC electrical characteristics of the EM359x.
Table 3.3. Environmental Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
ESD (human body model)
On any pin
—
—
±2
kV
ESD (charged device model)
Non-RF pins
—
—
±400
V
ESD (charged device model)
RF pins
—
—
±225
V
Table 3.4. DC Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
Regulator input voltage
(VDD_PADS)
2.1
—
3.6
V
Power supply range (VDD_MEM)
Regulator output or external input
1.7
1.8
1.9
V
Power supply range (VDD_CORE)
Regulator output
1.18
1.25
1.32
V
Deep Sleep Current
Quiescent current, internal oscilla-
tor disabled, 4 kB RAM retained
–40 °C, VDD_PADS=3.6 V
—
0.9
—
A
+25 °C, VDD_PADS=3.6 V
—
1.0
—
A
+85 °C, VDD_PADS=3.6 V
—
2.2
—
A
Quiescent current, including
internal RC oscillator, 4 kB RAM
retained
–40 °C, VDD_PADS=3.6 V
—
1.2
—
A
+25 °C, VDD_PADS=3.6 V
—
1.25
—
A
+85°C, VDD_PADS=3.6 V
—
2.5
—
A
Quiescent current, including
32.768 kHz oscillator, 4 kB RAM
retained
–40 °C, VDD_PADS=3.6 V
—
1.3
—
A
+25 °C, VDD_PADS=3.6 V
—
1.6
—
A
+85 °C, VDD_PADS=3.6 V
—
2.9
—
A
Quiescent current, including
internal RC oscillator and
32.768 kHz oscillator, 4 kB RAM
retained
–40 °C, VDD_PADS=3.6 V
—
1.6
—
A
+25 °C, VDD_PADS=3.6 V
—
1.9
—
A
+85 °C, VDD_PADS=3.6 V
—
3.2
—
A
Additional quiescent current per
4 kB block of RAM retained
–40 °C, VDD_PADS=3.6 V
—
0.007
—
A
+25 °C, VDD_PADS=3.6 V
—
0.067
—
A
+85 °C, VDD_PADS=3.6 V
—
0.76
—
A
Additional quiescent current when
retained RAM exceeds 32 kB
–40 °C, VDD_PADS=3.6 V
—
0.57
—
A
+25 °C, VDD_PADS=3.6 V
—
0.67
—
A
+85 °C, VDD_PADS=3.6 V
—
2.0
—
A
Simulated deep sleep (debug
mode) current
With no debugger activity
—
500
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com