Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK03328 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03328
Description  Ultra-Low Jitter Clock Generator
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03328 Datasheet(HTML) 2 Page - Texas Instruments

  LMK03328 Datasheet HTML 1Page - Texas Instruments LMK03328 Datasheet HTML 2Page - Texas Instruments LMK03328 Datasheet HTML 3Page - Texas Instruments LMK03328 Datasheet HTML 4Page - Texas Instruments LMK03328 Datasheet HTML 5Page - Texas Instruments LMK03328 Datasheet HTML 6Page - Texas Instruments LMK03328 Datasheet HTML 7Page - Texas Instruments LMK03328 Datasheet HTML 8Page - Texas Instruments LMK03328 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 153 page
background image
2
LMK03328
SNAS668A – AUGUST 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMK03328
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description Continued .......................................... 3
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 4
8
Specifications......................................................... 6
8.1
Absolute Maximum Ratings ...................................... 6
8.2
ESD Ratings.............................................................. 6
8.3
Recommended Operating Conditions ....................... 6
8.4
Thermal Information .................................................. 7
8.5
Thermal Information .................................................. 7
8.6
Electrical Characteristics - Power Supply ................ 7
8.7
Pullable Crystal Characteristics (SECREF_P,
SECREF_N)............................................................... 9
8.8
Non-Pullable Crystal Characteristics (SECREF_P,
SECREF_N)............................................................. 10
8.9
Clock Input Characteristics (PRIREF_P/PRIREF_N,
SECREF_P/SECREF_N)......................................... 10
8.10
VCO Characteristics.............................................. 10
8.11
PLL Characteristics ............................................... 11
8.12
1.8-V LVCMOS Output Characteristics
(OUT[7:0]) ................................................................ 11
8.13
LVCMOS Output Characteristics (STATUS[1:0]... 11
8.14
Open-Drain Output Characteristics
(STATUS[1:0]).......................................................... 12
8.15
AC-LVPECL Output Characteristics ..................... 12
8.16
AC-LVDS Output Characteristics .......................... 12
8.17
AC-CML Output Characteristics............................ 13
8.18
HCSL Output Characteristics ................................ 13
8.19
Power-On/Reset Characteristics........................... 13
8.20
2-Level Logic Input Characteristics
(HW_SW_CTRL, PDN, GPIO[5:0]).......................... 14
8.21
3-Level Logic Input Characteristics (REFSEL,
GPIO[3:1]) ................................................................ 14
8.22
Analog Input Characteristics (GPIO[5])................. 14
8.23
I2C-Compatible Interface Characteristics (SDA,
SCL) ......................................................................... 15
8.24
Typical 156.25 MHz Closed Loop Output Phase
Noise Characteristics ............................................... 15
8.25
Typical 161.1328125 MHz Closed Loop Output
Phase Noise Characteristics.................................... 16
8.26
Closed Loop Output Jitter Characteristics ............ 16
8.27
Typical Power Supply Noise Rejection
Characteristics ......................................................... 17
8.28
Typical Power Supply Noise Rejection
Characteristics ......................................................... 17
8.29
Typical Closed Loop Output Spur Characteristics 18
8.30
Typical Performance Characteristics .................... 19
9
Parameter Measurement Information ................ 23
9.1
Test Configurations ................................................. 23
10
Detailed Description ........................................... 27
10.1
Overview ............................................................... 27
10.2
Functional Block Diagram ..................................... 27
10.3
Feature Description............................................... 28
10.4
Device Functional Modes...................................... 32
10.5
Programming......................................................... 50
10.6
Register Maps ....................................................... 77
10.7
EEPROM Map..................................................... 122
11
Application and Implementation...................... 128
11.1
Application Information........................................ 128
11.2
Typical Applications ............................................ 128
12
Power Supply Recommendations ................... 139
12.1
Device Power Up Sequence ............................... 139
12.2
Device Power Up Timing .................................... 140
12.3
Power Down........................................................ 141
12.4
Power Rail Sequencing, Power Supply Ramp Rate,
and Mixing Supply Domains .................................. 141
12.5
Power Supply Bypassing .................................... 143
13
Layout................................................................. 144
13.1
Layout Guidelines ............................................... 144
14
Device and Documentation Support ............... 146
14.1
Community Resources........................................ 146
14.2
Trademarks ......................................................... 146
14.3
Electrostatic Discharge Caution .......................... 146
14.4
Glossary .............................................................. 146
15
Mechanical, Packaging, and Orderable
Information ......................................................... 147
4 Revision History
Changes from Original (August 2015) to Revision A
Page
•
Changed title from Configuring PLL1 and PLL2 to Device Functional Modes ..................................................................... 32
•
Changed title from Interface and Control to Programming .................................................................................................. 50
•
Added new sections to Power Supply Recommendations ................................................................................................ 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com